Electronic Components Datasheet Search
  English  ▼

X  

WM8758B Datasheet(PDF) 45 Page - Wolfson Microelectronics plc

Part # WM8758B
Description  Stereo CODEC with Headphone Driver and Line Out
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8758B Datasheet(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM8758B Datasheet HTML 41Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 42Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 43Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 44Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 45Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 46Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 47Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 48Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 90 page
background image
Production Data
WM8758B
w
PD, Rev 4.4, January 2012
45
Figure 23 DAC Digital Limiter Operation
The limiter has a programmable upper threshold which is close to 0dB. Referring to Figure 23, in
normal operation (LIMBOOST=000 => limit only) signals below this threshold are unaffected by the
limiter. Signals above the upper threshold are attenuated at a specific attack rate (set by the LIMATK
register bits) until the signal falls below the threshold. The limiter also has a lower threshold 1dB
below the upper threshold. When the signal falls below the lower threshold the signal is amplified at
a specific decay rate (controlled by LIMDCY register bits) until a gain of 0dB is reached. Both
threshold levels are controlled by the LIMLVL register bits. The upper threshold is 0.5dB above the
value programmed by LIMLVL and the lower threshold is 0.5dB below the LIMLVL value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com