Electronic Components Datasheet Search
  English  ▼

X  

WM8758B Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8758B
Description  Stereo CODEC with Headphone Driver and Line Out
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8758B Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8758B Datasheet HTML 7Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 8Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 9Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 10Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 11Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 12Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 13Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 14Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
Production Data
WM8758B
w
PD, Rev 4.4, January 2012
11
Test Conditions
DCVDD=1.8V, AVDD1=AVDD2=3.0V, DBVDD=3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless otherwise
stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MIC PGA to Input Boost to OUT3/OUT4 outputs (with 10k
 / 50pF load)
Full-scale output voltage, 0dB
gain (Note 9)
AVDD2/3.3
Vrms
Signal to Noise Ratio (Note 5,6)
SNR
A-weighted
AVDD1=AVDD2=3.0V
90
98
dB
A-weighted
AVDD1=AVDD2=2.5V
96
dB
22Hz to 22kHz
AVDD1=AVDD2=3.0V
95.5
dB
22Hz to 22kHz
AVDD1=AVDD2=2.5V
93.5
dB
Total Harmonic Distortion
(Note 7)
THD
full-scale signal
AVDD1=AVDD2=3.0V
-84
dB
full-scale signal
AVDD1=AVDD2=2.5V
-82
dB
Total Harmonic Distortion + Noise
(Note 7)
THD+N
full-scale signal
AVDD1=AVDD2=3.0V
-82
dB
full-scale signal
AVDD1=AVDD2=2.5V
-80
dB
Channel Separation
100
dB
MIC PGA Bypass to LOUT1/ROUT1 (with 16
 load)
Full-scale output voltage, 0dB
gain (Note 9)
AVDD1/3.3
Vrms
Signal to Noise Ratio (Note 5,6)
SNR
A-weighted
AVDD1=AVDD2=3.0V
90
100
dB
A-weighted
AVDD1=AVDD2=2.5V
96
dB
22Hz to 22kHz
AVDD1=AVDD2=3.0V
95.5
dB
22Hz to 22kHz
AVDD1=AVDD2=2.5V
93.5
dB
Total Harmonic Distortion
(Note 7)
THD
-5dBFS signal
AVDD1=AVDD2=3.0V
-87
-75
dB
-5dBFS signal
AVDD1=AVDD2=2.5V
-69
dB
Total Harmonic Distortion + Noise
(Note 7)
THD+N
-5dBFS signal
AVDD1=AVDD2=3.0V
-85
-73
dB
-5dBFS signal
AVDD1=AVDD2=2.5V
-68
dB
Channel separation
1kHz full scale signal
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com