Electronic Components Datasheet Search
  English  ▼

X  

WM8758B Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8758B
Description  Stereo CODEC with Headphone Driver and Line Out
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8758B Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8758B Datasheet HTML 8Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 9Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 10Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 11Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 12Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 13Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 14Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 15Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 90 page
background image
WM8758B
Production Data
w
PD, Rev 4.4, January 2012
12
Test Conditions
DCVDD=1.8V, AVDD1=AVDD2=3.0V, DBVDD=3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless otherwise
stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Microphone Bias
Bias Voltage
VMICBIAS
MBVSEL=0
0.9*AVDD1
V
MBVSEL=1
0.65*AVDD1
V
Bias Current Source
IMICBIAS
for VMICBIAS within +/-3%
3
mA
Output Noise Voltage
Vn
1kHz to 20kHz
15
nV/
Hz
Digital Input / Output
Input HIGH Level
VIH
0.7
DBV
DD
V
Input LOW Level
VIL
0.3
DBVDD
V
Output HIGH Level
VOH
IOL=1mA
0.9
DBV
DD
V
Output LOW Level
VOL
IOH-1mA
0.1x
DBVDD
V
TERMINOLOGY
1.
Signal-to-noise ratio (dB) – SNR is a measure of the difference in level between the full scale output and the output
with no signal applied. (No Auto-zero or Automute function is employed in achieving these results).
2.
THD+N (dB) – THD+N is a ratio, of the rms values, of (Noise + Distortion)/Signal.
3.
Channel Separation (dB) – Also known as Cross-Talk. This is a measure of the amount one channel is isolated from
the other. Normally measured by sending a full scale signal down one channel and measuring the other.
4.
THD (dB) – THD is a ratio of the rms value of the first seven harmonics compared to the rms value of the fundamental.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com