Electronic Components Datasheet Search
  English  ▼

X  

WM8758B Datasheet(PDF) 68 Page - Wolfson Microelectronics plc

Part # WM8758B
Description  Stereo CODEC with Headphone Driver and Line Out
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8758B Datasheet(HTML) 68 Page - Wolfson Microelectronics plc

Back Button WM8758B Datasheet HTML 64Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 65Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 66Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 67Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 68Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 69Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 70Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 71Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 72Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 90 page
background image
WM8758B
Production Data
w
PD, Rev 4.4, January 2012
68
AUDIO SAMPLE RATES
The WM8758B filter characteristics for the ADCs and the DACs are set using the SR register bits.
The cutoffs for the digital filters and the ALC attack/decay times stated are determined using these
values and assume a 256fs master clock rate.
If a sample rate that is not explicitly supported by the SR register settings is required then the closest
SR value to that sample rate should be chosen, the filter characteristics and the ALC attack, decay
and hold times will scale appropriately.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7
Additional
Control
3:1
SR
000
Approximate sample rate (configures the
coefficients for the internal digital filters):
000 = 48kHz
001 = 32kHz
010 = 24kHz
011 = 16kHz
100 = 12kHz
101 = 8kHz
110-111 = reserved
Table 46 Sample Rate Control
MASTER CLOCK AND PHASE LOCKED LOOP (PLL)
The WM8758B has an on-chip phase-locked loop (PLL) circuit that can be used to:
Generate master clocks for the WM8758B audio functions from another external clock, e.g. in
telecoms applications.
Generate and output (on pin CSB/GPIO1) a clock for another part of the system that is derived from
an existing audio master clock.
Figure 40 shows the PLL and internal clocking on the WM8758B.
The PLL can be enabled or disabled by the PLLEN register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power
management 1
5
PLLEN
0
PLL enable
0 = PLL off
1 = PLL on
Table 47 PLLEN Control Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com