Electronic Components Datasheet Search
  English  ▼

X  

WM8758B Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8758B
Description  Stereo CODEC with Headphone Driver and Line Out
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8758B Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8758B Datasheet HTML 24Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 25Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 26Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 27Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 28Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 29Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 30Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 31Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 90 page
background image
WM8758B
Production Data
w
PD, Rev 4.4, January 2012
28
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R45
Left channel
input PGA
volume
control
5:0
INPPGAVOLL
010000
Left channel input PGA volume
000000 = -12dB
000001 = -11.25db
.
010000 = 0dB
.
111111 = +35.25dB
6
INPPGAMUTEL
0
Mute control for left channel input PGA:
0 = Input PGA not muted, normal
operation
1 = Input PGA muted (and disconnected
from the following input BOOST stage).
7
INPPGAZCL
0
Left channel input PGA zero cross
enable:
0 = Update gain when gain register
changes
1 = Update gain on 1
st zero cross after
gain register write.
8
INPPGAVU
Not
latched
INPPGA left and INPPGA right volume
do not update until a 1 is written to
INPPGAVU (in reg 45 or 46)
(See “Volume Updates” below)
R46
Right
channel
input PGA
volume
control
5:0
INPPGAVOLR
010000
Right channel input PGA volume
000000 = -12dB
000001 = -11.25db
.
010000 = 0dB
.
111111 = +35.25dB
6
INPPGAMUTER
0
Mute control for right channel input PGA:
0 = Input PGA not muted, normal
operation
1 = Input PGA muted (and disconnected
from the following input BOOST stage).
7
INPPGAZCR
0
Right channel input PGA zero cross
enable:
0 = Update gain when gain register
changes
1 = Update gain on 1
st zero cross after
gain register write.
8
INPPGAVU
Not
latched
INPPGA left and INPPGA right volume
do not update until a 1 is written to
INPPGAVU (in reg 45 or 46)
(See “Volume Updates” below)
R32
ALC control
1
8:7
ALCSEL
00
ALC function select:
00 = ALC off
01 = ALC right only
10 = ALC left only
11 = ALC both on
Table 6 Input PGA Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com