Electronic Components Datasheet Search
  English  ▼

X  

WM8758B Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8758B
Description  Stereo CODEC with Headphone Driver and Line Out
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8758B Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8758B Datasheet HTML 28Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 29Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 30Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 31Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 32Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 33Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 34Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 35Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 90 page
background image
WM8758B
Production Data
w
PD, Rev 4.4, January 2012
32
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R42
OUT4 to ADC
8:6
OUT4_2ADCVOL
000
Controls the OUT4 to ADC input
boost stage:
000 = Path disabled
(disconnected)
001 = -12dB gain through boost
stage
010 = -9dB gain through boost
stage
…
111 = +6dB gain through boost
stage
5
OUT4_2LNR
0
OUT4 to L or R ADC input
0 = Right ADC input
1 = Left ADC input
R47
Left channel
Input BOOST
control
6:4
L2_2BOOSTVOL
000
Controls the L2 pin to the left
channel input boost stage:
000 = Path disabled
(disconnected)
001 = -12dB gain through boost
stage
010 = -9dB gain through boost
stage
…
111 = +6dB gain through boost
stage
R48
Right channel
Input BOOST
control
6:4
R2_2BOOSTVOL
000
Controls the R2 pin to the right
channel input boost stage:
000 = Path disabled
(disconnected)
001 = -12dB gain through boost
stage
010 = -9dB gain through boost
stage
…
111 = +6dB gain through boost
stage
Table 8 Input BOOST Stage Control
The BOOST stage is enabled under control of the BOOSTEN register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2
Power
management
2
4
BOOSTENL
0
Left channel Input BOOST enable
0 = Boost stage OFF
1 = Boost stage ON
5
BOOSTENR
0
Right channel Input BOOST enable
0 = Boost stage OFF
1 = Boost stage ON
Table 9 Input BOOST Enable Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com