Electronic Components Datasheet Search
  English  ▼

X  

WM8758B Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8758B
Description  Stereo CODEC with Headphone Driver and Line Out
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8758B Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8758B Datasheet HTML 18Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 19Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 20Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 21Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 22Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 23Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 24Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 25Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 90 page
background image
WM8758B
Production Data
w
PD, Rev 4.4, January 2012
22
RECOMMENDED POWER UP/DOWN SEQUENCE
In order to minimise output pop and click noise, it is recommended that the WM8758B device is
powered up and down under control using the following sequences:
Power Up:
1.
Turn on external power supplies. Wait for supply voltage to settle.
2.
Set low bias mode, BIASCUT = 1.
3.
Enable HPCOM = 1, LINECOM = 1.
4.
Mute all Outputs and set PGAs to minimum gain, R52 to R57 = 0x140h.
5.
Enable L/ROUT1
6.
Enable L/ROUT2
7.
Enable VMID independent current bias, POBCTRL = 1.
8.
Enable required DACs and mixers.
9.
Enable VMIDSEL=01, BIASEN = 1 and BUFIOEN = 1
10. Setup digital interface, input amplifiers, PLL, ADCs and DACs for desired operation.
11. Wait 100ms to allow VMID to rise sufficiently before unmuting outputs
12. Unmute L/ROUT1 and set desired volume, e.g. for 0dB R52 and R53 = 0x139h.
13. Unmute L/ROUT2 and set desired volume, e.g. for 0dB R54 and R55 = 0x139h.
14. Disable VMID independent current bias, POBCTRL = 0.
Power Down:
1.
Disable Thermal shutdown
2.
Enable VMIDTOG = 1
3.
Disable VMIDSEL=00 and BUFIOEN=0
4.
Wait for VMID to discharge
5.
Power off registers R1, R2, R3 = 0x000h
6.
Remove external power supplies
Notes:
1.
Charging time constant is determined by impedance selected by VMIDSEL and the value of
decoupling capacitor connected to VMID pin.
2.
It is possible to interrupt the power down sequence and power up to VMID before the allocated
VMID discharge time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com