Electronic Components Datasheet Search
  English  ▼

X  

WM8758B Datasheet(PDF) 47 Page - Wolfson Microelectronics plc

Part # WM8758B
Description  Stereo CODEC with Headphone Driver and Line Out
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8758B Datasheet(HTML) 47 Page - Wolfson Microelectronics plc

Back Button WM8758B Datasheet HTML 43Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 44Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 45Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 46Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 47Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 48Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 49Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 50Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 51Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 90 page
background image
Production Data
WM8758B
w
PD, Rev 4.4, January 2012
47
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:4
LIMLVL
000
Programmable signal threshold level
(determines level at which the limiter
starts to operate)
000 = -1dB
001 = -2dB
010 = -3dB
011 = -4dB
100 = -5dB
101 to 111 = -6dB
Table 23 DAC Digital Limiter Control
5-BAND GRAPHIC EQUALISER
A 5-band graphic equalizer is provided, which can be applied to the ADC or DAC path, together with
3D enhancement, under control of the EQ3DMODE register bit. The ADCs and DACs should be
disabled before changing the EQ3DMODE bit.
By default, the WM8758B operates in low power mode, and the DSP core runs at half of the normal
rate. In DAC low power mode, only 2-Band equalizer functionality is permitted, where only Band 1
(low shelf) and Band 5 (high shelf) can be used. For ADC low power, the equalizer and 3D cannot be
used. To enable full 5-band operation, set M128ENB = 1.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R18
EQ Control 1
8
EQ3DMODE
1
0 = Equaliser and 3D Enhancement
applied to ADC path
1 = Equaliser and 3D Enhancement
applied to DAC path
Table 24 EQ and 3D Enhancement DAC or ADC Path Select
The equalizer consists of low and high frequency shelving filters (Band 1 and 5) and three peak filters
for the centre bands. Each has adjustable cut-off or centre frequency, and selectable boost (+/- 12dB
in 1dB steps). The peak filters have selectable bandwidth.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R18
EQ Band 1
Control
4:0
EQ1G
01100
(0dB)
Band 1 Gain Control. See Table 30 for
details.
6:5
EQ1C
01
Band 1 Cut-off Frequency:
00 = 80Hz
01 = 105Hz
10 = 135Hz
11 = 175Hz
Table 25 EQ Band 1 Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R19
EQ Band 2
Control
4:0
EQ2G
01100
(0dB)
Band 2 Gain Control. See Table 30 for
details.
6:5
EQ2C
01
Band 2 Centre Frequency:
00 = 230Hz
01 = 300Hz
10 = 385Hz
11 = 500Hz
8
EQ2BW
0
Band 2 Bandwidth Control
0 = narrow bandwidth
1 = wide bandwidth
Table 26 EQ Band 2 Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com