Electronic Components Datasheet Search
  English  ▼

X  

WM8758B Datasheet(PDF) 76 Page - Wolfson Microelectronics plc

Part # WM8758B
Description  Stereo CODEC with Headphone Driver and Line Out
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8758B Datasheet(HTML) 76 Page - Wolfson Microelectronics plc

Back Button WM8758B Datasheet HTML 72Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 73Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 74Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 75Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 76Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 77Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 78Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 79Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 80Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 90 page
background image
WM8758B
Production Data
w
PD, Rev 4.4, January 2012
76
There are 3 modes of low power operation, as detailed below. The device will not enter low power
unless in one of these register configurations, regardless of M128ENB.
FUNCTION
REGISTER BITS
SETTING
DESCRIPTION
ADC low power
M128ENB
ADCENL
ADCENR
DACENL
DACENR
EQ3DMODE
0
1
1
0
0
1 (DAC path)
Either or both of ADCENL and
ADCENR must be set (mono or
stereo mode)
DAC low power
M128ENB
ADCENL
ADCENR
DACENL
DACENR
0
0
0
1
1
Either or both of DACENL and
DACENR must be set (mono or
stereo mode)
EQ3DMODE = 0: EQ in ADC path
EQ3DMODE = 1: EQ in DAC path
Table 55 DSP Core Low Power Modes for ADC Only and DAC Only Modes
VMID
The analogue equalizer will not operate unless VMID is enabled. The impedance of the VMID resistor
string, together with the decoupling capacitor on the VMID pin will determine the startup time of the
VMID circuit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power
management 1
1:0
VMIDSEL
00
Reference string impedance to VMID pin
(Determines startup time):
00 = off (250kΩ VMID to AGND1)
01 = 100kΩ
10 = 500kΩ
11 = 10kΩ (for fast startup)
Table 56 VMID Impedance Control
BIASEN
The analogue amplifiers will not operate unless BIASEN is enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power
management 1
3
BIASEN
0
Analogue amplifier bias control
0 = disabled
1 = enabled
Table 57 Analogue Bias Control
HALFOPBIAS
HALFOPBIAS halves the bias current to the output drivers (OUT1, OUT2, OUT3). Setting
HALFOPBIAS will reduce the quiescent current from AVDD by 0.5mA but will degrade the THD+N
significantly.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R61
Bias Control
0
HALFO
PBIAS
0
HALFOPBIAS (Do not use)
0 = disabled
1 = enabled (Reduces AVDD current by
0.5mA)
Table 58 HALFOPBIAS Control
Wolfson’s recommendation is: Do not use HALFOPBIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com