Electronic Components Datasheet Search
  English  ▼

X  

WM8310 Datasheet(PDF) 160 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 160 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 156Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 157Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 158Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 159Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 160Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 161Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 162Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 163Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 164Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
160
26 TEMPERATURE SENSING
The WM8310 provides temperature monitoring as status information and also for self-protection of the
device. Temperature monitoring is always enabled in the ON and SLEEP states.
The thermal warning temperature can be set using the THW_TEMP register field. The thermal
warning hysteresis ensures that the THW_TEMP is not reset until the device temperature has
dropped below the threshold by a suitable margin. The extent of the hysteresis can be selected using
the THW_HYST register field.
The Thermal Warning condition can be read using the THW_STS register bit. An overtemperature
condition causes the thermal warning interrupt (TEMP_THW_CINT) to be set. The thermal warning
interrupt is also set when the overtemperature condition clears, ie. when the device has returned to its
normal operating limits.
The thermal shutdown temperature is set at a fixed level. If a thermal shutdown condition is detected
whilst in the ON or SLEEP states, then a System Reset is triggered, as described in Section 24.1,
forcing a transition to the OFF state.
The temperature sensing circuit is configured and monitored using the register fields described in
Table 104.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16386
(4002h)
3
THW_HYST
1
Thermal Warning hysteresis
0 = 8 degrees C
1 = 16 degrees C
1:0
THW_TEMP
[1:0]
10
Thermal Warning temperature
00 = 90 degrees C
01 = 100 degrees C
10 = 110 degrees C
11 = 120 degrees C
R16397
(400Dh)
15
THW_STS
0
Thermal Warning status
0 = Normal
1 = Overtemperature Warning
(warning temperature is set by
THW_TEMP)
Table 104 Temperature Sensing Control
The thermal warning interrupt event is indicated by the TEMP_THW_CINT register field. This
secondary interrupt triggers a primary Thermal Interrupt, TEMP_INT (see Section 23). This can be
masked by setting the mask bit as described in Table 105.
ADDRESS
BIT
LABEL
DESCRIPTION
R16401
(4011h)
Interrupt Status
1
1
TEMP_THW_CINT
Thermal Warning interrupt
(Rising and Falling Edge triggered)
Note: Cleared when a ‘1’ is written.
R16410
(4019h)
Interrupt Status
1 Mask
1
IM_TEMP_THW_CINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 105 Thermal Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com