Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 218 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 218 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 214Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 215Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 216Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 217Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 218Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 219Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 220Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 221Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 222Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
218
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R234 (EAh) FLL Test 1
0
0
0
FLL_FRC_T
RK_GAIN(K)
0
0
FLL_BIAS[1:0] (K)
FLL_POLE_SHIFT[1:0]
(K)
0
0
0
0
0
0
1200h
R248 (F8h) DCDC1 Test Controls
0
0
0
0
0
0
0
0
0
0
0
DC1_FORC
E_PWM (s)
0
0
0
0
1000h
R250 (FAh) DCDC3 Test Controls
0
0
0
0
0
0
0
0
0
0
0
DC3_FORC
E_PWM (s)
0
0
0
0
1000h
R251 (FBh) DCDC4 Test Controls
0
0
0
0
0
0
0
0
0
0
0
DC4_FORC
E_PWM (s)
0
0
0
0
1000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com