Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 216 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 216 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 212Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 213Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 214Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 215Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 216Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 217Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 218Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 219Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 220Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
216
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R190 (BEh) DCDC4 Timeouts
DC4_ERRACT[1:0] (Ms)
DC4_ENSLOT[3:0] (Ms)
DC4_SDSLOT[3:0]
0
0
0
0
0
0
0000h
0800h
0C00h
1400h
R191 (BFh) DCDC4 Low Power
0
DC4_HIB_MODE[2:0] (Ms)
0
0
DC4_HIB_TRIG[1:0] (Ms)
0
DC4_VIMG[6:0]
0006h
R199 (C7h) Limit Switch Control
LS_ERRACT[1:0] (Ms)
LS_ENSLOT[3:0] (Ms)
LS_SDSLOT[3:0]
0
LS_HIB_M
ODE
0
0
LS_HIB_PR
OT
LS_PROT
0003h
R200 (C8h) LDO1 Control
0
LDO1_SWI
(Ms)
0
0
0
LDO1_OPF
LT
0
0
0
0
0
LDO1_VSEL[4:0] (Ms)
001Ch
0006h
001Ch
0006h
R201 (C9h) LDO1 Timeouts
LDO1_ERRACT[1:0] (Ms)
LDO1_ENSLOT[3:0] (Ms)
LDO1_SDSLOT[3:0]
0
0
0
0
0
0
0000h
0000h
0400h
0C00h
R202 (CAh) LDO1 Low Power
0
0
LDO1_HIB_MODE[1:0]
(Ms)
0
0
LDO1_HIB_TRIG[1:0]
(Ms)
0
0
0
LDO1_VIMG[4:0]
001Ch
R203 (CBh) LDO2 Control
0
LDO2_SWI
(Ms)
0
0
0
LDO2_OPF
LT
0
0
0
0
0
LDO2_VSEL[4:0] (Ms)
001Bh
0010h
0010h
0016h
R204 (CCh) LDO2 Timeouts
LDO2_ERRACT[1:0] (Ms)
LDO2_ENSLOT[3:0] (Ms)
LDO2_SDSLOT[3:0]
0
0
0
0
0
0
0000h
0C00h
0C00h
0000h
R205 (CDh) LDO2 Low Power
0
0
LDO2_HIB_MODE[1:0]
(Ms)
0
0
LDO2_HIB_TRIG[1:0]
(Ms)
0
0
0
LDO2_VIMG[4:0]
001Ch
R206 (CEh) LDO3 Control
0
LDO3_SWI
(Ms)
0
0
0
LDO3_OPF
LT
0
0
0
0
0
LDO3_VSEL[4:0] (Ms)
001Bh
001Fh
0015h
0019h
R207 (CFh) LDO3 Timeouts
LDO3_ERRACT[1:0] (Ms)
LDO3_ENSLOT[3:0] (Ms)
LDO3_SDSLOT[3:0]
0
0
0
0
0
0
0000h
0800h
0000h
0000h
R208 (D0h) LDO3 Low Power
0
0
LDO3_HIB_MODE[1:0]
(Ms)
0
0
LDO3_HIB_TRIG[1:0]
(Ms)
0
0
0
LDO3_VIMG[4:0]
001Ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com