Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 213 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 213 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 209Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 210Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 211Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 212Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 213Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 214Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 215Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 216Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 217Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
213
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R114 (72h) AI ADC Control
0
0
0
0
0
0
0
0
AIFADC_P
D
AIFADCL_S
RC
AIFADCR_
SRC
AIFADC_TD
M_CHAN
AIFADC_TD
M
0
0
0
0020h
R115 (73h) AI DAC Control
0
BCLK_MST
R
0
0
0
0
0
0
AIFDAC_P
D
DACL_SRC DACR_SRC AIFDAC_TD
M_CHAN
AIFDAC_TD
M
0
DAC_BOOST[1:0]
0020h
R128 (80h) GPIO Debounce
0
0
0
GP12_DB
(s)
GP11_DB
(s)
GP10_DB
(s)
GP9_DB (s) GP8_DB (s) GP7_DB (s) GP6_DB (s) GP5_DB (s) GP4_DB (s) GP3_DB (s) GP2_DB (s) GP1_DB (s) GP0_DB (s)
1FFFh
R129 (81h) GPIO Pin pull up Control
0
0
0
GP12_PU
(Ms)
GP11_PU
(Ms)
GP10_PU
(Ms)
GP9_PU
(Ms)
GP8_PU
(Ms)
GP7_PU
(Ms)
GP6_PU
(Ms)
GP5_PU
(Ms)
GP4_PU
(Ms)
GP3_PU
(Ms)
GP2_PU
(Ms)
GP1_PU
(Ms)
GP0_PU
(Ms)
0000h
0000h
0000h
0010h
R130 (82h) GPIO Pull down Control
0
0
0
GP12_PD
(Ms)
GP11_PD
(Ms)
GP10_PD
(Ms)
GP9_PD
(Ms)
GP8_PD
(Ms)
GP7_PD
(Ms)
GP6_PD
(Ms)
GP5_PD
(Ms)
GP4_PD
(Ms)
GP3_PD
(Ms)
GP2_PD
(Ms)
GP1_PD
(Ms)
GP0_PD
(Ms)
0000h
0000h
0110h
0000h
R131 (83h) GPIO Interrupt Mode
0
0
0
GP12_INTM
ODE (s)
GP11_INTM
ODE (s)
GP10_INTM
ODE (s)
GP9_INTM
ODE (s)
GP8_INTM
ODE (s)
GP7_INTM
ODE (s)
GP6_INTM
ODE (s)
GP5_INTM
ODE (s)
GP4_INTM
ODE (s)
GP3_INTM
ODE (s)
GP2_INTM
ODE (s)
GP1_INTM
ODE (s)
GP0_INTM
ODE (s)
0000h
R133 (85h) GPIO Control
0
0
0
0
0
0
0
0
GP_DBTIME[1:0] (s)
0
0
0
0
0
0
0000h
R134 (86h) GPIO Configuration (i/o)
0
0
0
GP12_DIR
(Ms)
GP11_DIR
(Ms)
GP10_DIR
(Ms)
GP9_DIR
(Ms)
GP8_DIR
(Ms)
GP7_DIR
(Ms)
GP6_DIR
(Ms)
GP5_DIR
(Ms)
GP4_DIR
(Ms)
GP3_DIR
(Ms)
GP2_DIR
(Ms)
GP1_DIR
(Ms)
GP0_DIR
(Ms)
0FFCh
0CFBh
09FAh
0BFBh
R135 (87h) GPIO Pin Polarity / Type
0
0
0
GP12_CFG
(Ms)
GP11_CFG
(Ms)
GP10_CFG
(Ms)
GP9_CFG
(Ms)
GP8_CFG
(Ms)
GP7_CFG
(Ms)
GP6_CFG
(Ms)
GP5_CFG
(Ms)
GP4_CFG
(Ms)
GP3_CFG
(Ms)
GP2_CFG
(Ms)
GP1_CFG
(Ms)
GP0_CFG
(Ms)
0FFCh
0C1Fh
0DF6h
0FFDh
R140 (8Ch) GPIO Function Select 1
GP3_FN[3:0] (Ms)
GP2_FN[3:0] (Ms)
GP1_FN[3:0] (Ms)
GP0_FN[3:0] (Ms)
0013h
0300h
1310h
0310h
R141 (8Dh) GPIO Function Select 2
GP7_FN[3:0] (Ms)
GP6_FN[3:0] (Ms)
GP5_FN[3:0] (Ms)
GP4_FN[3:0] (Ms)
0000h
1110h
0003h
0001h
R142 (8Eh) GPIO Function Select 3
GP11_FN[3:0] (Ms)
GP10_FN[3:0] (Ms)
GP9_FN[3:0] (Ms)
GP8_FN[3:0] (Ms)
0000h
0013h
2000h
2300h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com