Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 211 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 211 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 207Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 208Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 209Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 210Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 211Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 212Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 213Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 214Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 215Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
211
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R38 (26h) GPIO Interrupt Status
Mask
0
0
0
IM_GP12_E
INT (s)
IM_GP11_E
INT (s)
IM_GP10_E
INT (s)
IM_GP9_EI
NT (s)
IM_GP8_EI
NT (s)
IM_GP7_EI
NT (s)
IM_GP6_EI
NT (s)
IM_GP5_EI
NT (s)
IM_GP4_EI
NT (s)
IM_GP3_EI
NT (s)
IM_GP2_EI
NT (s)
IM_GP1_EI
NT (s)
IM_GP0_EI
NT (s)
0000h
R39 (27h) Comparator Interrupt
Status Mask
IM_EXT_US
B_FB_EINT
(s)
IM_EXT_W
ALL_FB_EI
NT (s)
IM_EXT_BA
TT_FB_EIN
T (s)
0
IM_CODEC
_JCK_DET_
L_EINT (s)
IM_CODEC
_JCK_DET_
R_EINT (s)
IM_CODEC
_MICSCD_
EINT (s)
IM_CODEC
_MICD_EIN
T (s)
0
IM_WKUP_
OFF_STAT
E_EINT (s)
IM_WKUP_
HIB_STATE
_EINT (s)
IM_WKUP_
CONV_FAU
LT_EINT (s)
IM_WKUP_
WDOG_RS
T_EINT (s)
IM_WKUP_
GP_PWR_
ON_EINT
(s)
IM_WKUP_
ONKEY_EI
NT (s)
IM_WKUP_
GP_WAKE
UP_EINT
(s)
0000h
R40 (28h) Clock Control 1
TOCLK_EN
A
TOCLK_RA
TE
0
0
MCLK_SEL
0
0
MCLK_DIV
BCLK_DIV[3:0]
0
OPCLK_DIV[2:0]
0040h
R41 (29h) Clock Control 2
LRC_ADC_
SEL
0
0
0
0
0
0
0
0
0
0
0
0
0
0
MCLK_DIR
0000h
R42 (2Ah) FLL Control 1
FLL_ENA
FLL_OSC_
ENA
1
1
1
FLL_OUTDIV[2:0]
FLL_RSP_RATE[3:0]
0
FLL_RATE[2:0]
3A00h
R43 (2Bh) FLL Control 2
FLL_RATIO[4:0]
0
FLL_N[9:0]
7086h
R44 (2Ch) FLL Control 3
FLL_K[15:0]
C226h
R45 (2Dh) FLL Control 4
0
0
0
0
0
0
0
0
FLL_REF_F
REQ
0
FLL_FRAC
0
0
0
FLL_CLK_SRC[1:0]
0000h
R48 (30h) DAC Control
0
0
DAC_MON
O
AIF_LRCLK
RATE
0
0
0
0
0
0
DEEMP[1:0]
DAC_SDMC
LK_RATE
0
DACL_DATI
NV
DACR_DAT
INV
0000h
R50 (32h) DAC Digital Volume L
DACL_ENA
0
0
0
0
0
0
DAC_VU
DACL_VOL[7:0]
00C0h
R51 (33h) DAC Digital Volume R
DACR_ENA
0
0
0
0
0
0
DAC_VU
DACR_VOL[7:0]
00C0h
R53 (35h) DAC LR Rate
0
0
0
0
DACLRC_E
NA
DACLRC_RATE[10:0]
0040h
R54 (36h) DAC Clock Control
0
0
0
0
0
0
0
0
0
0
0
DACCLK_P
OL
0
DAC_CLKDIV[2:0]
0000h
R58 (3Ah) DAC Mute
0
DAC_MUTE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
4000h
R59 (3Bh) DAC Mute Volume
0
DAC_MUTE
MODE
DAC_MUTE
RATE
DAC_SB_FI
LT
0
0
0
0
0
0
0
0
0
0
0
0
0000h
R60 (3Ch) DAC Side
0
0
ADC_TO_DACL[1:0]
ADC_TO_DACR[1:0]
0
0
0
0
0
0
0
0
0
0
0000h
R64 (40h) ADC Control
ADC_HPF_
ENA
0
0
0
0
0
ADC_HPF_CUT[1:0]
0
0
0
0
0
0
ADCL_DATI
NV
ADCR_DAT
INV
8000h
R66 (42h) ADC Digital Volume L
ADCL_ENA
0
0
0
0
0
0
ADC_VU
ADCL_VOL[7:0]
00C0h
R67 (43h) ADC Digital Volume R
ADCR_ENA
0
0
0
0
0
0
ADC_VU
ADCR_VOL[7:0]
00C0h
R68 (44h) ADC Divider
0
0
0
0
ADCL_DAC_SVOL[3:0]
ADCR_DAC_SVOL[3:0]
ADCCLK_P
OL
ADC_CLKDIV[2:0]
0000h
R70 (46h) ADC LR Rate
0
0
0
0
ADCLRC_E
NA
ADCLRC_RATE[10:0]
0040h
R72 (48h) Input Control
0
0
0
0
0
IN2R_ENA IN1RN_ENA IN1RP_ENA
0
0
0
0
0
IN2L_ENA IN1LN_ENA IN1LP_ENA
0303h
R73 (49h) IN3 Input Control
IN3R_ENA IN3R_SHO
RT
0
0
0
0
0
0
IN3L_ENA IN3L_SHOR
T
0
0
0
0
0
0
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com