Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 212 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 212 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 208Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 209Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 210Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 211Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 212Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 213Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 214Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 215Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 216Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
212
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R74 (4Ah) Mic Bias Control
MICB_ENA MICB_SEL
0
0
0
0
0
0
MIC_DET_
ENA
0
0
MCDTHR[2:0]
MCDSCTHR[1:0]
0000h
R76 (4Ch) Output Control
0
0
0
0
OUT4_VRO
I
OUT3_VRO
I
OUT2_VRO
I
OUT1_VRO
I
0
0
0
OUTPUT_D
RAIN_ENA
0
OUT2_FB
0
OUT1_FB
0000h
R77 (4Dh) Jack Detect
JDL_ENA
JDR_ENA
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0000h
R78 (4Eh) Anti Pop Control
0
0
0
0
0
0
ANTI_POP[1:0]
DIS_OP_LN4[1:0]
DIS_OP_LN3[1:0]
DIS_OP_OUT2[1:0]
DIS_OP_OUT1[1:0]
0000h
R80 (50h) Left Input Volume
INL_ENA
INL_MUTE
INL_ZC
0
0
0
0
IN_VU
INL_VOL[5:0]
0
0
0040h
R81 (51h) Right Input Volume
INR_ENA INR_MUTE
INR_ZC
0
0
0
0
IN_VU
INR_VOL[5:0]
0
0
0040h
R88 (58h) Left Mixer Control
MIXOUTL_
ENA
0
0
DACR_TO_
MIXOUTL
DACL_TO_
MIXOUTL
0
0
0
0
0
0
0
0
IN3L_TO_M
IXOUTL
INR_TO_MI
XOUTL
INL_TO_MI
XOUTL
0800h
R89 (59h) Right Mixer Control
MIXOUTR_
ENA
0
0
DACR_TO_
MIXOUTR
DACL_TO_
MIXOUTR
0
0
0
0
0
0
0
IN3R_TO_
MIXOUTR
0
INR_TO_MI
XOUTR
INL_TO_MI
XOUTR
1000h
R92 (5Ch) OUT3 Mixer Control
OUT3_ENA
0
0
0
DACL_TO_
OUT3
0
0
MIXINL_TO
_OUT3
0
0
0
0
OUT4_TO_
OUT3
0
0
MIXOUTL_
TO_OUT3
0000h
R93 (5Dh) OUT4 Mixer Control
OUT4_ENA
0
0
DACR_TO_
OUT4
DACL_TO_
OUT4
OUT4_ATT
N
MIXINR_TO
_OUT4
0
0
0
0
0
0
OUT3_TO_
OUT4
MIXOUTR_
TO_OUT4
MIXOUTL_
TO_OUT4
0000h
R96 (60h) Output Left Mixer Volume
0
0
0
0
IN3L_MIXOUTL_VOL[2:0]
0
INR_MIXOUTL_VOL[2:0]
0
INL_MIXOUTL_VOL[2:0]
0
0000h
R97 (61h) Output Right Mixer
Volume
IN3R_MIXOUTR_VOL[2:0]
0
0
0
0
0
INR_MIXOUTR_VOL[2:0]
0
INL_MIXOUTR_VOL[2:0]
0
0000h
R98 (62h) Input Mixer Volume L
0
0
0
0
IN3L_MIXINL_VOL[2:0]
0
0
0
0
0
IN2L_MIXINL_VOL[2:0]
INL_MIXINL
_VOL
0000h
R99 (63h) Input Mixer Volume R
IN3R_MIXINR_VOL[2:0]
0
0
0
0
0
IN2R_MIXINR_VOL[2:0]
0
0
0
0
INR_MIXIN
R_VOL
0000h
R100 (64h) Input Mixer Volume
OUT4_MIXI
N_DST
0
0
0
0
0
0
0
0
0
0
0
OUT4_MIXIN_VOL[2:0]
0
0000h
R104 (68h) OUT1L Volume
OUT1L_EN
A
OUT1L_MU
TE
OUT1L_ZC
0
0
0
0
OUT1_VU
OUT1L_VOL[5:0]
0
0
00E4h
R105 (69h) OUT1R Volume
OUT1R_EN
A
OUT1R_MU
TE
OUT1R_ZC
0
0
0
0
OUT1_VU
OUT1R_VOL[5:0]
0
0
00E4h
R106 (6Ah) OUT2L Volume
OUT2L_EN
A
OUT2L_MU
TE
OUT2L_ZC
0
0
0
0
OUT2_VU
OUT2L_VOL[5:0]
0
0
00E4h
R107 (6Bh) OUT2R Volume
OUT2R_EN
A
OUT2R_MU
TE
OUT2R_ZC
0
0
OUT2R_IN
V
OUT2R_IN
V_MUTE
OUT2_VU
OUT2R_VOL[5:0]
0
0
02E4h
R111 (6Fh) BEEP Volume
IN3R_TO_O
UT2R
0
0
0
0
0
0
0
IN3R_OUT2R_VOL[2:0]
0
0
0
0
0
0000h
R112 (70h) AI Formating
AIF_BCLK_I
NV
0
AIF_TRI
AIF_LRCLK
_INV
AIF_WL[1:0]
AIF_FMT[1:0]
0
0
0
0
0
0
0
0
0A00h
R113 (71h) ADC DAC COMP
0
0
0
0
0
0
0
0
DAC_COM
P
DAC_COM
PMODE
ADC_COM
P
ADC_COM
PMODE
0
0
0
LOOPBACK
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com