Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 215 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 215 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 211Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 212Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 213Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 214Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 215Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 216Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 217Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 218Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 219Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
215
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R173 (ADh) CSA Flash control
CS1_FLAS
H_MODE
(s)
CS1_TRIGS
RC (s)
CS1_DRIVE
(Ms)
CS1_FLAS
H_RATE (s)
0
0
CS1_FLASH_DUR[1:0]
(s)
0
0
CS1_OFF_RAMP[1:0] (s)
0
0
CS1_ON_RAMP[1:0] (s)
0000h
R176 (B0h) DCDC/LDO requested
LS_ENA
(Ms)
0
0
0
LDO4_ENA
(Ms)
LDO3_ENA
(Ms)
LDO2_ENA
(Ms)
LDO1_ENA
(Ms)
0
0
0
0
DC4_ENA
(Ms)
DC3_ENA
(Ms)
DC2_ENA
(Ms)
DC1_ENA
(Ms)
0000h
R177 (B1h) DCDC Active options
DCDC_DIS
CLKS (s)
0
PUTO[1:0] (s)
0
0
0
0
0
0
0
0
DC4_ACTIV
E (s)
DC3_ACTIV
E (s)
0
DC1_ACTIV
E (s)
032Dh
R178 (B2h) DCDC Sleep options
0
0
0
0
0
0
0
0
0
0
0
0
DC4_SLEE
P (s)
DC3_SLEE
P (s)
0
DC1_SLEE
P (s)
0000h
R179 (B3h) Power-check comparator
0
PCCMP_ER
RACT (s)
0
PCCOMP_
HIB_MODE
0
0
0
0
0
PCCMP_OFF_THR[2:0] (KM)
0
PCCMP_ON_THR[2:0] (KM)
0025h
R180 (B4h) DCDC1 Control
DC1_CAP[1:0] (s)
0
0
DC1_DISO
VP (Ms)
DC1_OPFL
T
0
0
0
DC1_VSEL[6:0] (Ms)
000Eh
000Eh
001Ah
000Eh
R181 (B5h) DCDC1 Timeouts
DC1_ERRACT[1:0] (Ms)
DC1_ENSLOT[3:0] (Ms)
DC1_SDSLOT[3:0]
0
0
0
0
0
0
0000h
0C00h
0800h
0400h
R182 (B6h) DCDC1 Low Power
0
DC1_HIB_MODE[2:0]
0
0
DC1_HIB_TRIG[1:0] (Ms)
0
DC1_VIMG[6:0]
1006h
R183 (B7h) DCDC2 Control
0
DC2_MODE
(s)
0
DC2_HIB_M
ODE (s)
0
0
DC2_HIB_TRIG[1:0] (s)
0
DC2_ILIM
(Ms)
0
DC2_RMPH
(Ms)
DC2_RMPL
(Ms)
0
DC2_FBSRC[1:0] (Ms)
0018h
R184 (B8h) DCDC2 Timeouts
DC2_ERRACT[1:0] (Ms)
DC2_ENSLOT[3:0] (Ms)
DC2_SDSLOT[3:0]
0
0
0
0
0
0
0000h
R186 (BAh) DCDC3 Control
0
0
0
0
DC3_DISO
VP (Ms)
DC3_OPFL
T
0
0
0
DC3_VSEL[6:0] (Ms)
0000h
0026h
0056h
0026h
R187 (BBh) DCDC3 Timeouts
DC3_ERRACT[1:0] (Ms)
DC3_ENSLOT[3:0] (Ms)
DC3_SDSLOT[3:0]
0
0
0
0
0
0
0000h
0400h
0400h
0800h
R188 (BCh) DCDC3 Low Power
0
DC3_HIB_MODE[2:0] (Ms)
0
0
DC3_HIB_TRIG[1:0] (Ms)
0
DC3_VIMG[6:0]
0006h
R189 (BDh) DCDC4 Control
0
0
0
0
DC4_DISO
VP (Ms)
DC4_OPFL
T
0
0
0
DC4_VSEL[6:0] (Ms)
0000h
0062h
0026h
0062h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com