Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 210 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 210 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 206Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 207Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 208Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 209Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 210Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 211Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 212Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 213Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 214Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
210
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R18 (12h) RTC Date/Month
0
0
0
RTC_MTH[4:0]
0
0
RTC_DATE[5:0]
0101h
R19 (13h) RTC Year
0
0
RTC_YHUNDREDS[5:0]
RTC_YUNITS[7:0]
1400h
R20 (14h) Alarm Seconds/Minutes
0
RTC_ALMMINS[6:0]
0
RTC_ALMSECS[6:0]
0000h
R21 (15h) Alarm Hours/Day
0
0
0
0
RTC_ALMDAY[3:0]
0
0
RTC_ALMH
PM
RTC_ALMHRS[4:0]
0000h
R22 (16h) Alarm Date/Month
0
0
0
RTC_ALMMTH[4:0]
0
0
RTC_ALMDATE[5:0]
0000h
R23 (17h) RTC Time Control
RTC_BCD RTC_12HR
0
0
RTC_SET
RTC_STS RTC_ALMS
ET
RTC_ALMS
TS
0
RTC_PINT[2:0]
RTC_DSW[3:0]
0320h
R24 (18h) System Interrupts
0
0
OC_INT
UV_INT
0
0
CS_INT
EXT_INT
CODEC_IN
T
GP_INT
AUXADC_I
NT
RTC_INT
SYS_INT
CHG_INT
USB_INT WKUP_INT
0000h
R25 (19h) Interrupt Status 1
CHG_BATT
_HOT_EINT
CHG_BATT
_COLD_EIN
T
CHG_BATT
_FAIL_EINT
CHG_TO_E
INT
CHG_END_
EINT
CHG_STAR
T_EINT
CHG_FAST
_RDY_EINT
0
RTC_PER_
EINT
RTC_SEC_
EINT
RTC_ALM_
EINT
0
0
CHG_VBAT
T_LT_3P9_
EINT
CHG_VBAT
T_LT_3P1_
EINT
CHG_VBAT
T_LT_2P85
_EINT
0000h
R26 (1Ah) Interrupt Status 2
0
0
CS1_EINT
0
0
USB_LIMIT
_EINT
0
AUXADC_D
ATARDY_EI
NT
AUXADC_D
COMP4_EI
NT
AUXADC_D
COMP3_EI
NT
AUXADC_D
COMP2_EI
NT
AUXADC_D
COMP1_EI
NT
SYS_HYST
_COMP_FA
IL_EINT
SYS_CHIP_
GT115_EIN
T
SYS_CHIP_
GT140_EIN
T
SYS_WDO
G_TO_EINT
0000h
R28 (1Ch) Under Voltage Interrupt
status
0
0
0
0
UV_LDO4_
EINT
UV_LDO3_
EINT
UV_LDO2_
EINT
UV_LDO1_
EINT
0
0
0
0
UV_DC4_EI
NT
UV_DC3_EI
NT
UV_DC2_EI
NT
UV_DC1_EI
NT
0000h
R29 (1Dh) Over Current Interrupt
status
OC_LS_EIN
T
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0000h
R30 (1Eh) GPIO Interrupt Status
0
0
0
GP12_EINT GP11_EINT GP10_EINT GP9_EINT GP8_EINT GP7_EINT GP6_EINT GP5_EINT GP4_EINT GP3_EINT GP2_EINT GP1_EINT GP0_EINT
0000h
R31 (1Fh) Comparator Interrupt
Status
EXT_USB_
FB_EINT
EXT_WALL
_FB_EINT
EXT_BATT
_FB_EINT
0
CODEC_JC
K_DET_L_E
INT
CODEC_JC
K_DET_R_
EINT
CODEC_MI
CSCD_EIN
T
CODEC_MI
CD_EINT
0
WKUP_OFF
_STATE_EI
NT
WKUP_HIB
_STATE_EI
NT
WKUP_CO
NV_FAULT
_EINT
WKUP_WD
OG_RST_E
INT
WKUP_GP_
PWR_ON_E
INT
WKUP_ON
KEY_EINT
WKUP_GP_
WAKEUP_E
INT
0000h
R32 (20h) System Interrupts Mask
0
0
IM_OC_INT
(Ms)
IM_UV_INT
(Ms)
0
0
IM_CS_INT
(Ms)
IM_EXT_IN
T (Ms)
IM_CODEC
_INT (Ms)
IM_GP_INT
(Ms)
IM_AUXAD
C_INT (Ms)
IM_RTC_IN
T (Ms)
IM_SYS_IN
T (Ms)
IM_CHG_IN
T (Ms)
IM_USB_IN
T (Ms)
IM_WKUP_I
NT (Ms)
3FFFh
R33 (21h) Interrupt Status 1 Mask
IM_CHG_B
ATT_HOT_
EINT (s)
IM_CHG_B
ATT_COLD
_EINT (s)
IM_CHG_B
ATT_FAIL_
EINT (s)
IM_CHG_T
O_EINT (s)
IM_CHG_E
ND_EINT
(s)
IM_CHG_S
TART_EINT
(s)
IM_CHG_F
AST_RDY_
EINT (s)
0
IM_RTC_P
ER_EINT
(s)
IM_RTC_S
EC_EINT
(s)
IM_RTC_AL
M_EINT (s)
0
0
IM_CHG_V
BATT_LT_3
P9_EINT (s)
IM_CHG_V
BATT_LT_3
P1_EINT (s)
IM_CHG_V
BATT_LT_2
P85_EINT
(s)
0000h
R34 (22h) Interrupt Status 2 Mask
0
0
IM_CS1_EI
NT (s)
IM_CS2_EI
NT (s)
0
IM_USB_LI
MIT_EINT
(s)
0
0
IM_AUXAD
C_DCOMP4
_EINT (s)
IM_AUXAD
C_DCOMP3
_EINT (s)
IM_AUXAD
C_DCOMP2
_EINT (s)
IM_AUXAD
C_DCOMP1
_EINT (s)
IM_SYS_H
YST_COMP
_FAIL_EINT
(s)
IM_SYS_C
HIP_GT115
_EINT (s)
IM_SYS_C
HIP_GT140
_EINT (s)
IM_SYS_W
DOG_TO_E
INT (s)
0000h
R36 (24h) Under Voltage Interrupt
status Mask
0
0
0
0
IM_UV_LD
O4_EINT
(s)
IM_UV_LD
O3_EINT
(s)
IM_UV_LD
O2_EINT
(s)
IM_UV_LD
O1_EINT
(s)
0
0
0
0
IM_UV_DC4
_EINT (s)
IM_UV_DC3
_EINT (s)
IM_UV_DC2
_EINT (s)
IM_UV_DC1
_EINT (s)
0000h
R37 (25h) Over Current Interrupt
status Mask
IM_OC_LS_
EINT (s)
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com