Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 206 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 206 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 202Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 203Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 204Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 205Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 206Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 207Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 208Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 209Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 210Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
206
ADDRESS
BIT
LABEL
DESCRIPTION
2
CHG_VBATT_LT_3P9_EINT
Battery Voltage < 3.9 interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
1
CHG_VBATT_LT_3P1_EINT
Battery voltage < 3.1 interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
0
CHG_VBATT_LT_2P85_EIN
T
Battery voltage < 2.85 interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
R33 (21h)
Interrupt Status
1 Mask
15:9
2:0
“IM_” + name of respective
bit in R25
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Each bit in R33 enables or masks the
corresponding bit in R25. The default
value for these bits is 0 (unmasked).
Table 152 Charger Interrupts
24.3.11 USB INTERRUPTS
The first-level USB_INT interrupt comprises one second-level interrupt for the USB limit switch. This
status bit is in Register R26 and its mask bit is in Register R34, as defined in Table 153.
ADDRESS
BIT
LABEL
DESCRIPTION
R26 (1Ah)
Interrupt Status
2
10
USB_LIMIT_EINT
USB Limit Switch interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
R34 (22h)
Interrupt Status
2 Mask
10
IM_USB_LIMIT_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
When IM_USB_LIMIT_EINT is set to 1,
then USB_LIMIT_EINT in R26 does not
trigger an USB_INT interrupt when set.
The default value is 0 (unmasked).
Table 153 USB Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com