Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 203 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 203 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 199Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 200Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 201Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 202Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 203Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 204Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 205Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 206Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 207Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
203
24.3.6
GPIO INTERRUPTS
The first-level GP_INT interrupt comprises several second-level interrupts for the 13 GPIO pins. Each
of these has a status bit in Register R30 and a mask bit in Register R35, as defined in Table 148.
ADDRESS
BIT
LABEL
DESCRIPTION
R30 (1Eh)
GPIO Interrupt
Status
12
GP12_EINT
GPIO12 interrupt.
(Trigger controlled by GP12 registers.)
Note: This bit is cleared once read.
11
GP11_EINT
GPIO11 interrupt.
(Trigger controlled by GP11 registers.)
Note: This bit is cleared once read.
10
GP10_EINT
GPIO10 interrupt.
(Trigger controlled by GP10 registers.)
Note: This bit is cleared once read.
9
GP9_EINT
GPIO9 interrupt.
(Trigger controlled by GP9 registers.)
Note: This bit is cleared once read.
8
GP8_EINT
GPIO8 interrupt.
(Trigger controlled by GP8 registers.)
Note: This bit is cleared once read.
7
GP7_EINT
GPIO7 interrupt.
(Trigger controlled by GP7 registers.)
Note: This bit is cleared once read.
6
GP6_EINT
GPIO6 interrupt.
(Trigger controlled by GP6 registers.)
Note: This bit is cleared once read.
5
GP5_EINT
GPIO5 interrupt.
(Trigger controlled by GP5 registers.)
Note: This bit is cleared once read.
4
GP4_EINT
GPIO4 interrupt.
(Trigger controlled by GP4 registers.)
Note: This bit is cleared once read.
3
GP3_EINT
GPIO3 interrupt.
(Trigger controlled by GP3 registers.)
Note: This bit is cleared once read.
2
GP2_EINT
GPIO2 interrupt.
(Trigger controlled by GP2 registers.)
Note: This bit is cleared once read.
1
GP1_EINT
GPIO1 interrupt.
(Trigger controlled by GP1 registers.)
Note: This bit is cleared once read.
0
GP0_EINT
GPIO0 interrupt.
(Trigger controlled by GP0 registers.)
Note: This bit is cleared once read.
R38 (26h)
GPIO Interrupt
Mask
12:0
“IM_” + name of respective bit
in R30
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Each bit in R38 enables or masks the
corresponding bit in R30. The default
value for these bits is 0 (unmasked).
Table 148 GPIO Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com