Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 200 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 200 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 196Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 197Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 198Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 199Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 200Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 201Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 202Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 203Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 204Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
200
24.3 SECOND-LEVEL INTERRUPTS
The following sections define the second-level interrupt status and control bits associated with each of
the first-level bits defined in Table 142.
24.3.1
OVERCURRENT INTERRUPTS
The first-level OC_INT interrupt comprises one second-level interrupt for the limit switch. This status
bit is in Register R29 and its mask bit is in Register R37, as defined in Table 143.
ADDRESS
BIT
LABEL
DESCRIPTION
R29 (1Dh)
Over Current
Interrupt Status
15
OC_LS_EINT
Limit Switch Over-current interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
R37 (25h)
Over Current
Interrupt Mask
15
IM_OC_LS_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
When IM_OC_LS_EINT is set to 1, then
OC_LS_EINT in R29 does not trigger an
OC_INT interrupt when set. The default
value is 0 (unmasked).
Table 143 Over-Current Interrupts
24.3.2
UNDERVOLTAGE INTERRUPTS
The first-level UV_INT interrupt comprises several second-level interrupts for the DC-DCs and LDOs.
Each of these has a status bit in Register R28 and a mask bit in Register R36, as defined in Table
144.
ADDRESS
BIT
LABEL
DESCRIPTION
R28 (1Ch)
Under Voltage
Interrupt Status
11
UV_LDO4_EINT
LDO4 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
10
UV_LDO3_EINT
LDO3 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
9
UV_LDO2_EINT
LDO2 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
8
UV_LDO1_EINT
LDO1 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
3
UV_DC4_EINT
DCDC4 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
2
UV_DC3_EINT
DCDC3 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
1
UV_DC2_EINT
DCDC2 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
0
UV_DC1_EINT
DCDC1 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
R36 (24h)
Under Voltage
Interrupt Mask
11:0
“IM_” + name of respective bit
in R28
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Each bit in R36 enables or masks the
corresponding bit in R28. The default
value for these bits is 0 (unmasked).
Table 144 Under Voltage Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com