Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 196 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 196 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 192Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 193Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 194Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 195Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 196Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 197Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 198Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 199Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 200Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
196
23 WATCHDOG TIMER
The WM8351 includes a watchdog timer designed to detect a possible software fault condition where
the host processor has locked up. The watchdog timer checks for any write operation to the watchdog
control register R4 (04h) or receipt of a heartbeat signal from the host processor on GPIO9 (see
Section 20). If neither event occurs within a programmable time, this is interpreted as a fault in the
host processor. The watchdog timer then raises an interrupt and/or generates a system reset; the
desired response to a watchdog timeout is set using the WDOG_MODE register field.
If GPIO9 is configured as HEARTBEAT input (GP9_FN = 0001, GP9_DIR = 1), then the Watchdog
Timer can only be reset by a rising logic level applied to the GPIO9 pin.
If GPIO9 is not configured as HEARTBEAT input, then the Watchdog Timer can only be reset by a
write operation to the watchdog control register R4 (04h).
If a System reset is triggered by the watchdog timeout, the WM8351 asserts the /RST pin and the
/RST and /MEMRST (GPIO) reset signals, resets the internal control registers and then initiates a
start-up sequence. If the watchdog timeout fault persists, then a maximum of 7 reset attempts will be
made. If the watchdog timeout occurs more than 7 times, the WM8351 will remain in the OFF state
until the next valid ON state transition event occurs.
The watchdog timer can be halted for debug purposes using the WDOG_DEBUG bit. The watchdog
can be disabled in Hibernate mode using the WDOG_HIB_MODE bit. The watchdog timer duration is
set using WDOG_TO, as described in Table 139.
The Watchdog timeout interrupt event is indicated by the SYS_WDOG_TO_EINT register field. This is
one of the second-level interrupts which triggers a first-level System Interrupt, SYS_INT (see
Section 24). This can be masked by setting the mask bit as described in Table 140.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3 (03h)
System
control 1
7
WDOG_DEBU
G
0
Halts watchdog timer for system debugging
0 = normal operation
1 = WDOG halt
R4 (04h)
System
control 2
7
WDOG_HIB_M
ODE
0
Watchdog behaviour in HIBERNATE state
0 = WDOG disabled in Hibernate
1 = WDOG controlled by WDOG_MODE in
Hibernate
5:4
WDOG_MODE
[2:0]
Dependant
on CONFIG
settings
Watchdog mode
00 = Disabled
01 = SYS_WDOG_TO interrupt on time-out
10 = WKUP_WDOG_RST interrupt and
System reset on time-out
11 = SYS_WDOG_TO interrupt on first time-
out, WKUP_WDOG_RST interrupt and
System reset on second time-out.
Protected by security key.
2:0
WDOG_TO
[2:0]
101
Watchdog timeout (seconds)
The timer is reset to this value when a
HEARTBEAT signal edge is detected or the
host writes to the watchdog control register.
000 = 0.125s
… (time doubles with each step)
101 = 4s
11x = Reserved
Protected by security key.
R5 (05h)
System
Hibernate
7
WDOG_HIB_M
ODE
0
Watchdog behaviour in HIBERNATE state
0 = WDOG disabled in Hibernate
1 = WDOG controlled by WDOG_MODE in
Hibernate
Note:
WDOG_HIB_MODE can be accessed through R4 or through R5. Reading from or writing to
either register location has the same effect.
Table 139 Controlling the Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com