Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 199 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 199 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 195Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 196Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 197Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 198Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 199Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 200Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 201Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 202Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 203Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
199
24.1 CONFIGURING THE IRQ PIN
The default polarity of IRQ is active low; this can be changed to active high if desired, by writing to the
IRQ_POL bit.
When the WM8351 is in the HIBERNATE state, interrupts can be disabled or can remain active. The
desired behaviour can be selected using the IRQ_HIB_MODE bit.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3 (03h)
System Control
1
0
IRQ_POL
0
IRQ pin polarity
0 = active low (/IRQ)
1 = active high (IRQ)
R5 (05h)
System
Hibernate
3
IRQ_HIB_MOD
E
0
IRQ pin state in hibernate mode
0 = Normal operation
1 = Forced to indicate there is no IRQ.
Table 141 Interrupts in HIBERNATE State
24.2 FIRST LEVEL INTERRUPTS
Each first level interrupt has a status bit in Register R24, which can be read to determine the origin of
an IRQ event. Each of these bits may be masked by setting the corresponding field in Register R32.
ADDRESS
BIT
LABEL
DESCRIPTION
R24 (18h)
System
Interrupts
13
OC_INT
First-level over-current interrupt.
Note: This bit is cleared once read.
12
UV_INT
First-level under-voltage interrupt.
Note: This bit is cleared once read.
9
CS_INT
First-level current sink interrupt.
Note: This bit is cleared once read.
8
EXT_INT
First-level external interrupt.
Note: This bit is cleared once read.
7
CODEC_INT
First-level codec interrupt.
Note: This bit is cleared once read.
6
GP_INT
First-level GPIO interrupt.
Note: This bit is cleared once read.
5
AUXADC_INT
First-level AUXADC comparator interrupt.
Note: This bit is cleared once read.
4
RTC_INT
First-level RTC interrupt.
Note: This bit is cleared once read.
3
SYS_INT
First-level system interrupt.
Note: This bit is cleared once read.
2
CHG_INT
First-level charger interrupt.
Note: This bit is cleared once read.
1
USB_INT
First-level USB interrupt.
Note: This bit is cleared once read.
0
WKUP_INT
First-level wakeup interrupt.
Note: This bit is cleared once read.
R32 (20h)
System
Interrupt Mask
13:0
“IM_” + name of respective bit
in R25
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Each bit in R32 enables or masks the
corresponding bit in R24.
The default value for these bits is 1
(masked)
Note:
Register is R24 is read-only.
Table 142 First Level Interrupt Status and Mask Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com