Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 201 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 201 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 197Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 198Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 199Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 200Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 201Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 202Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 203Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 204Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 205Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
201
24.3.3
CURRENT SINK (LED DRIVER) INTERRUPTS
The first-level CS_INT interrupt comprises one second-level interrupt for the Current Sink functions.
This status bit is in Register R26 and its mask bit is in Register R34, as defined in Table 145.
ADDRESS
BIT
LABEL
DESCRIPTION
R26 (1Ah)
Interrupt Status
2
13
CS1_EINT
Flag to indicate drain voltage can no
longer be regulated and output current
may be out of spec.
(Rising Edge triggered)
Note: This bit is cleared once read.
R34 (22h)
Interrupt Status
2 Mask
13
IM_CS1_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
When IM_CS1_EINT is set to 1, then
CS1_EINT in R26 does not trigger a
CS_INT interrupt when set. The default
value is 0 (unmasked).
Table 145 Current Sink Interrupts
24.3.4
EXTERNAL INTERRUPTS
The first-level EXT_INT interrupt comprises three second-level interrupts for USB, Wall and Battery
supply status. Each of these has a status bit in Register R31 and a mask bit in Register R37, as
defined in Table 146. These flags are triggered on the rising and falling edges of the interrupt events.
ADDRESS
BIT
LABEL
DESCRIPTION
R31 (1Fh)
Comparator
Interrupt Status
15
EXT_USB_FB_EINT
USB_FB changed interrupt.
(Rising and Falling Edge triggered)
Note: This bit is cleared once read.
14
EXT_WALL_FB_EINT
WALL_FB changed interrupt.
(Rising and Falling Edge triggered)
Note: This bit is cleared once read.
13
EXT_BATT_FB_EINT
BATT_FB changed interrupt.
(Rising and Falling Edge triggered)
Note: This bit is cleared once read.
R39 (27h)
Comparator
Interrupt Status
Mask
15:13
“IM_” + name of respective bit
in R31
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Each bit in R39 enables or masks the
corresponding bit in R31. The default
value for these bits is 0 (unmasked).
Table 146 External Interrupts
24.3.5
CODEC INTERRUPTS
The first-level CODEC_INT interrupt comprises four second-level interrupts for the CODEC. Each of
these has a status bit in Register R31 and a mask bit in Register R39, as defined in Table 147. These
flags are triggered on the rising and falling edges of the interrupt events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com