Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 197 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 197 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 193Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 194Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 195Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 196Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 197Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 198Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 199Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 200Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 201Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
197
ADDRESS
BIT
LABEL
DESCRIPTION
R26 (1Ah)
Interrupt Status
2
0
SYS_WDOG_TO_EINT
Watchdog timeout has occurred.
(Rising Edge triggered)
Note: This bit is cleared once read.
R34 (22h)
Interrupt Status
2 Mask
0
IM_SYS_WDOG_TO_EINT
Mask bit for Watchdog timer interrupt
When set to 1, IM_SYS_WDOG_TO_EINT
masks SYS_WDOG_TO_EINT in R26 and
does not trigger an SYS_INT interrupt when
SYS_WDOG_TO_EINT is set).
Table 140 Watchdog Timer Interrupts
Note that, if GPIO9 is configured as VCC_FAULT output (GP9_FN = 0001, GP9_DIR = 0), then the
Watchdog Timer will be configured to expect a HEARTBEAT reset trigger. In this configuration, the
Watchdog Reset will never occur and the system may lock up if the Watchdog Mode is enabled.
The Watchdog Timer function cannot be supported if GPIO9 is configured as VCC_FAULT output.
Either the GPIO9 must be reconfigured as some other function, or the Watchdog Timer must remain
disabled.
Note that Config Mode 01 selects GPIO9 = VCC_FAULT by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com