Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 198 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 198 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 194Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 195Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 196Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 197Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 198Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 199Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 200Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 201Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 202Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
198
24 INTERRUPT CONTROLLER
The WM8351 can send an interrupt signal to the host processor though the IRQ pin. Interrupts can
alert the host to a wide range of events and fault conditions. Each of these can be individually
enabled or masked. After receiving an interrupt, the host processor can read the interrupt registers in
order to determine what caused the interrupt, and take appropriate action if required.
The WM8351 interrupt controller has two levels:
Second-level interrupts indicate a single event in one of the circuit blocks. This is indicated by setting
a register bit. This bit is a “sticky” bit - once it is set, it remains at logic 1 until the host processor reads
the register. When the processor reads the register, the interrupt bits in that register are cleared. First-
level interrupts are the logical OR of several second-level interrupts (usually all the interrupts
associated with one particular circuit block). The default polarity of IRQ is active low, meaning that the
IRQ signal is the logical NOR of all first-level interrupts.
Individual second-level interrupt bits can be masked, which prevents them from setting the First-level
interrupt. (Note that the “sticky” bit will be set as normal, even if that interrupt is masked.)
Individual first-level interrupts can also be masked, preventing them from asserting the IRQ output.
Figure 80 Interrupt Equivalent Logic
To find the cause of an interrupt signal, the host processor should first read the first-level interrupt
register R24 to locate the circuit blocks(s) where the interrupt originated; after that, the precise
cause(s) of the interrupt can be determined by reading the second-level interrupt register(s) as
appropriate to the indicated first-level interrupt event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com