Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 195 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 195 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 191Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 192Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 193Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 194Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 195Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 196Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 197Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 198Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 199Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
195
22.5 RTC INTERRUPTS
The RTC has its own first-level interrupt, RTC_INT (see Section 24). This comprises three second-
level interrupts which indicate periodic events or RTC Alarm conditions.
The RTC raises an RTC_SEC_EINT interrupt on every 1 second rollover. An additional periodic
interrupt, RTC_PER_EINT, is configurable with a frequency determined by the RTC_PINT field, as
defined in Table 138. The RTC_ALM_EINT interrupt is triggered by the RTC Alarm function, as
described in Section 22.2.4.
These interrupts can be individually masked by setting the applicable mask bit(s) as described in
Table 137.
ADDRESS
BIT
LABEL
DESCRIPTION
R25 (19h)
Interrupt Status
1
7
RTC_PER_EINT
RTC periodic interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
6
RTC_SEC_EINT
RTC 1s rollover complete (1Hz tick).
(Rising Edge triggered)
Note: This bit is cleared once read.
5
RTC_ALM_EINT
RTC alarm signalled.
(Rising Edge triggered)
Note: This bit is cleared once read.
R33 (21h)
Interrupt Status
1 Mask
7:5
“IM_” + name of respective bit
in R25
Each bit in R33 enables or masks the
corresponding bit in R25. The default
value for these bits is 0 (unmasked).
Table 137 RTC Interrupts
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h)
RTC Time
control
6:4
RTC_PINT
[2:0]
010
Selects frequency of periodic interrupt output
pulse (32kHz period duration) as shown below.
When set time status is high, the periodic
output is disabled.
000 = disabled
001 = 1 sec
010 = 1 min
011 = 1 hour
100 = 1 day
101 = 1 month
11x = disabled
Table 138 Configuring RTC Periodic Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com