Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 193 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 193 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 189Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 190Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 191Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 192Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 193Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 194Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 195Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 196Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 197Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
193
The applicable register bits are defined in Table 135.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12 (0Ch)
Power
Mgmt (5)
11
RTC_TICK_ENA
1
Enable RTC counting (instruction only)
0 = disabled
1 = enabled
Protected by security key.
R218 (DAh)
RTC Tick
Control
15
14
RTC_TICKSTS
0
Status of tick request. This bit can be used
to ensure the RTC is using the value of
RTC_TICK_ENA.
0 = disabled
1 = enabled
Protected by security key.
9:0
RTC_TRIM [9:0]
00_0000_
0000
RTC frequency trim. Used to adjust the
count value of the Tick Gen block to
compensate for crystal inaccuracies.
RTC frequency trim is a 10bit fixed point
<4,6> 2's complement number. MSB
Scaling = -8Hz. The register indicates the
error (in Hz) with respect to the ideal
32768Hz) of the input crystal frequency.
e.g.:
Actual crystal freq: 32769.00Hz:
Required trim 0xb0001_000000
(+1.000000)
Actual crystal freq: 32767.00Hz:
Required trim 0xb1111_000000 (-
1.000000)
Actual crystal freq: 32775.58Hz:
Required trim 0xb0111_100101
(+7.578125)
Actual crystal freq: 32763.78Hz:
Required trim 0xb1011_110010 (-
4.218750)
Protected by security key.
Note:
RTC_TICK_ENA can be accessed through R12 or through R218. Reading from or writing to
either register location has the same effect.
Table 135 Controlling the RTC Frequency Trim
22.4 RTC GPIO OUTPUT
It is possible to configure GPIO6 as an RTC output, as described in Section 20. This output is a
square wave that is derived from the trimmed RTC counter. The frequency can be set to values
between 1Hz and 16.384kHz, as described in Table 136.
Note that, when RTC_TRIM is used to calibrate the crystal oscillator, the nominal 50% duty ratio of
this output may deviate by up to 8 clock periods of the 32.768kHz oscillator on the occasions when
the RTC Seconds Counter is increased (ie. once per second).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com