Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 190 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 190 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 186Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 187Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 188Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 189Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 190Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 191Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 192Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 193Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 194Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
190
The current time can be read from the registers defined above. As the content of the time registers
changes every second, a single register read, executed at an arbitrary time, does not guarantee an
accurate time reading. Two possible methods are recommended for reliable reading of the time
registers:
Read after interrupt: the RTC_SEC interrupt (see Section 22.5) indicates that the seconds
counter has just been incremented, and that the RTC registers will not change again within
the next 999ms. A register read executed immediately after an RTC_SEC interrupt can
therefore be taken as an accurate time reading.
Two consecutive reads: if two consecutive reads within a short time (less than 1s apart)
return the same result, this can be taken as an accurate reading. If the two results differ,
the procedure should be repeated.
22.2.3
SETTING THE TIME
When writing to the RTC time registers, the seconds counter should first be stopped in order to
prevent glitches. The following procedure should be used:
Set the RTC_SET bit to stop seconds counter
Read the RTC_STS bit. Repeat this step until RTC_STS=1
Set new time in Registers R16 to R19
Clear the RTC_SET bit to re-enable seconds counter.
The RTC_SET and RTC_STS bits are defined in Table 132.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h)
RTC Time
control
11
RTC_SET
0
Stops RTC seconds counter (instruction only)
0 = normal operation
1 = stop counter
10
RTC_STS
0
Status of RTC seconds counter
0 = normal operation
1 = counter stopped
Table 132 Setting the RTC Time
22.2.4
RTC ALARM REGISTERS
An RTC Alarm can be set by writing to the control fields in registers R20 to R22, which are in a similar
format to the RTC Time registers.
Setting any of these fields to “All 1’s” results in that field being a “don’t care” field. For example,
setting the RTC_ALMDAY field to 0001 determines that the alarm is set for a Sunday, whilst setting
RTC_ALMDAY to 1111 results in the programmed alarm occurring on every day of the week.
When the RTC Alarm time/date fields match the RTC time, the alarm event is signalled by the
WM8351 raising the RTC_ALM_EINT interrupt. See Section 22.5 for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com