Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 187 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 187 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 183Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 184Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 185Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 186Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 187Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 188Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 189Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 190Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 191Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
187
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R142 (8Eh)
GPIO
function
select 3
3:0
GP8_FN
[3:0]
Depends on
status of
CONF pins
GPIO8 function definition
Input (GPn_DIR=1) Output (GPn_DIR=0)
0000
GPIO
GPIO
0001
/MR
/VCC_FAULT
0010
ADCBCLK
ADCBCLK
0011
PWR_OFF
/BATT_FAULT
0100
HIBERNATE
(Edge)
/RST
7:4
GP9_FN
[3:0]
Depends on
status of
CONF pins
GPIO9 function definition
Input
Output
0000
GPIO
GPIO
0001
HEARTBEAT
/VCC_FAULT
0010
MASK
LINE_GT_BATT
0011
PWR_OFF
/BATT_FAULT
0100
HIBERNATE
(Level)
/MEMRST
11:8
GP10_F
N [3:0]
Depends on
status of
CONF pins
GPIO10 function definition
Input
Output
0000
GPIO
GPIO
0001
-
ISINKC
0010
-
LINE_GT_BATT
0011
PWR_OFF
CH_IND
15:12
GP11_F
N [3:0]
Depends on
status of
CONF pins
GPIO11 function definition
Input
Output
0000
GPIO
GPIO
0001
-
ISINKD
0010
/WAKEUP
LINE_GT_BATT
0011
-
CH_IND
Note:
Undocumented combinations for GPn_FN (n = 8 to 11) are reserved
Table 128 GPIO Function Select 3
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R143 (8Fh)
GPIO
function
select 4
3:0
GP12_F
N [3:0]
Depends on
status of
CONF pins
GPIO 12 function definition
Input
(GPn_DIR=1)
Output
(GPn_DIR=0)
0000
GPIO
GPIO
0001
CHIP_RESET
ISINKE
0010
-
LINE_GT_BATT
0011
-
LINE_SW
0100
-
32kHz
Note:
Undocumented combinations are reserved
Table 129 GPIO Function Select 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com