Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 184 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 184 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 180Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 181Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 182Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 183Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 184Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 185Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 186Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 187Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 188Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
184
20.2.2
SELECTING GPIO ALTERNATE FUNCTIONS
The function of each GPIO pin is programmable by writing to the respective GPn register bits.
GPn_FN = 0000 selects the GPIO function and settings other than 0000 select various alternate
functions.
The GPIO function is also determined by the value of the GPn_DIR register bit. Note that, when
changing GPn_DIR, it is recommended to set GPn_FN = 0000 first.
When changing the function of a GPIO pin, (updating GPn_FN or GPn_DIR), it is recommended that
the following sequence of actions is taken sequentially.
Set GPn_FN = 0000
Update the other GPIO configuration fields GPn_DB, GPn_PU, GPn_PD, GPn_CFG, GPn_DIR
If the new function is an input, ensure that the input trigger is in the inactive state (ie. logic 0 for a
function that is active High)
Set GPn_FN according to the new GPIO function
Read the GPIO Interrupt Status Register R30 (1Eh) to clear any GPIO Interrupt events
If any bit in Register R30 (1Eh) was set when read, then read the System Interrupts Register
R24 (18h) to clear the IRQ pin
Note that GPIO7 is automatically enabled as CSB in 3-wire and 4-wire control modes. GPIO6 is
automatically enabled as SDOUT in 4-wire control mode. These automatic selections take
precedence over all other GPIO6 and GPIO7 control fields.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R140 (8Ch
GPIO function
select 1
3:0
GP0_FN
Depends
on status
of CONF
pins
Selects function of GPIO0
7:4
GP1_FN
Selects function of GPIO1
11:8
GP2_FN
Selects function of GPIO2
15:12
GP3_FN
Selects function of GPIO3
R141 (8Dh)
GPIO function
select 2
3:0
GP4_FN
Selects function of GPIO4
7:4
GP5_FN
Selects function of GPIO5
11:8
GP6_FN
Selects function of GPIO6
15:12
GP7_FN
Selects function of GPIO7
R142 (8Eh)
GPIO function
select 3
3:0
GP8_FN
Selects function of GPIO8
7:4
GP9_FN
Selects function of GPIO9
11:8
GP10_FN
Selects function of GPIO10
15:12
GP11_FN
Selects function of GPIO11
R143 (8Fh)
3:0
GP12_FN
Selects function of GPIO12
Table 125 Control Registers to Select GPIO Alternate Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com