Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 183 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 183 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 179Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 180Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 181Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 182Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 183Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 184Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 185Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 186Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 187Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
183
ALTERNATE
FUNCTION NAME
INPUT /
OUTPUT
DESCRIPTION
/MEMRST
Output
Output used to control other subsystems such as external
memory. Signal goes low to reset external memory. The
status of this signal in the Hibernate state is configurable,
allowing external memory contents to be retained in
Hibernate. See Section 14.
P_CLK
Output
1MHz output clock in phase with the internal DC-DC
converters. This signal can be used to sync external circuits
(e.g. DC-DCs).
POR_B
Output
Output which toggles low to high during power-on reset
PWR_ON
Output
Output used to indicate that device is powered on (eg. to
enable external DC-DC converters). This output is disabled
in the OFF state.
/RST
Output
Output used to indicate system resets. Signal goes low
during reset, same as the /RST pin. The pulse duration is
programmable. See Section 14.
RTC
Output
Real Time Clock output - frequency is controlled by
RTC_DSW[3:0]. See Section 22.
SDOUT
Output
4-wire Control Interface data output pin (SDOUT). Note that
this function is selected automatically on GPIO6 when 4-
wire mode is selected, ie. regardless of the GP6_FN control
field. See Section 11.
/VCC_FAULT
Output
Indicates a fault condition on selectable DC Converters,
LDO Regulators and the Limit Switch. The mask bits in
Register 215 determine which supplies contribute to this
status flag. See Section 14.6.5, Section 14.7.3 and
Section 15.2.3.
VRTC
Output
Output from on-chip backup power source voltage regulator
VRTC.
32kHz
Output
32kHz clock output from the Real Time Clock oscillator.
Table 124 List of GPIO Alternate Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com