Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 180 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 180 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 176Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 177Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 178Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 179Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 180Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 181Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 182Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 183Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 184Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
180
Notes:
1.
The GPIO input functions /MR, /WAKEUP and /LDO_ENA behave differently to other GPIO
inputs. These functions are Active Low by default, when GPn_CFG = 1. These functions may be
changed to Active High by setting GPn_CFG = 0.
2.
If a GPIO pin is configured as an open drain output, (ie. GPn_DIR=0, GPn_CFG=1), then the
external pull-up voltage must not be greater than the supply domain for the corresponding GPIO.
For example, if the GPIO supply domain is DBVDD then the external pull-up voltage must be
less than or equal to DBVDD.
3.
Do not enable pull-up and pull-down resistors for the same GPIO pin.
4.
The internal pull-up and pull-down on GPIO10, GPIO11 and GPIO12 may be too weak for many
applications. If pull-up or pull-down is required on these pins, it is recommended to ensure that
the pull resistance is <100k
. This can be achieved using an external resistor on its own or in
combination with the internal resistance.
20.1.2
INPUT DE-BOUNCE
GPIO inputs have an optional de-bounce function to remove glitches from the input signal. This may
be useful when the GPIO is connected to a mechanical switch. The de-bounce function can be
enabled for each pin individually using GPn_DB, with a globally selectable de-bounce time set by
GP_DBTIME.
GPIO alternative functions PWR_ON, PWR_OFF and /WAKEUP are special cases with regard to
debouncing. PWR_ON and /WAKEUPthese have a debounce time of GP_DBTIME[1:0] + 40ms and
PWR_OFF has a debounce time of GP_DBTIME[1:0] + 5ms.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R128 (80h)
GPIO de-
bounce
12:0
GPn_DB [12:0]
1
GPIOn debounce
0 = GPIO is not debounced.
1 = GPIO is debounced (time from
GP_DBTIME[1:0])
R133 (85h)
GPIO Control
7:6
GP_DBTIME
[1:0]
00
De-bounce time for all GPIO inputs
00 = 64
s
01 = 0.5ms
10 = 1ms
11 = 4ms
Note: PWR_ON, PWR_OFF and
/WAKEUP have additional debounce
times.
Note: n
is a number between 0 and 12 that identifies the individual GPIO.
Table 122 Configuring GPIO De-bounce
20.1.3
GPIO INTERRUPTS
The GPIO logic can raise a first-level interrupt, GPIO_INT (see Section 24). This interrupt is the
logical OR of the second-level GPIO interrupts described in Table 123.
ADDRESS
BIT
LABEL
DESCRIPTION
R30 (1Eh)
GPIO Interrupt
Status
12:0
GPn_EINT [12:0]
GPIOn interrupt.
(Trigger controlled by GPn registers.)
Note: This bit is cleared once read.
R38 (26h)
GPIO Interrupt
Mask
12:0
“IM_” + name of respective bit
in R30
Mask bits for GPIO interrupts
Each of these bits masks the respective
bit in R30 when it is set to 1 (e.g.
GPn_EINT in R30 does not trigger a
GPIO_INT interrupt when IM_GPn_EINT
in R38 is set).
Note: n
is a number between 0 and 12 that identifies the individual GPIO.
Table 123 GPIO Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com