Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 188 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 188 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 184Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 185Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 186Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 187Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 188Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 189Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 190Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 191Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 192Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
188
21 VOLTAGE REFERENCES
The WM8351 generates several reference voltages used for different purposes.
The main reference voltage VREF, and additional internal references derived from it, are used in the
DC-DC converters, the LDO regulators and the auxiliary ADC. VREF is highly stable, accurate, and
independent of the supply voltage. It can be trimmed for improved accuracy.
The VRTC regulator (see Section 17.5) uses a separate, low-power reference at start-up.
The mid-rail reference VMID is used in the audio CODEC. It is generated from AVDD.
Each reference voltage is internally provided to those parts of the WM8351 where it is needed.
21.1 MAIN REFERENCE (VREF)
The main reference generates a highly accurate reference voltage VREF. It requires a decoupling
capacitor on the C_REF pin; a 2.2uF X5R capacitor is recommended, as noted in Section 29.2; and
an accurate resistor on the R_REF pin; a 100k
 (1%) resistor is recommended, as noted in
Section 29.2.
The WM8351 will malfunction if those components are omitted.
The accuracy of supply voltages generated by the WM8351 depends on VREF, and can be improved
by trimming. This scales VREF by up to +15/-16% in 1% steps, to compensate for deviations from the
nominal value.
The main reference can be overdriven with an externally generated reference voltage, if desired.
21.2 LOW-POWER REFERENCE
The low-power reference determines the accuracy of VRTC on start-up. Once the main bandgap has
been trimmed and has settled VRTC switches across to the main bandgap for greater accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com