Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 205 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 205 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 201Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 202Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 203Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 204Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 205Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 206Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 207Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 208Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 209Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
205
24.3.9
SYSTEM INTERRUPTS
The first-level SYS_INT interrupt comprises four second-level interrupts for various system events.
Each of these has a status bit in Register R26 and a mask bit in Register R34, as defined in Table
151.
ADDRESS
BIT
LABEL
DESCRIPTION
R26 (1Ah)
Interrupt Status
2
3
SYS_HYST_COMP_FAIL_EI
NT
Hysteresis comparator indication that
LINE or BATT is less that shutdown
threshold.
(Rising Edge triggered)
Note: This bit is cleared once read.
2
SYS_CHIP_GT115_EINT
Chip over 115°C temp limit.
(Rising Edge triggered)
Note: This bit is cleared once read.
1
SYS_CHIP_GT140_EINT
Chip over 140°C temp limit.
(Rising Edge triggered)
Note: This bit is cleared once read.
0
SYS_WDOG_TO_EINT
Watchdog timeout has occurred.
(Rising Edge triggered)
Note: This bit is cleared once read.
R34 (22h)
Interrupt Status
2 Mask
3:0
“IM_” + name of respective bit
in R26
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Each bit in R34 enables or masks the
corresponding bit in R26 The default value
for these bits is 0 (unmasked).
Table 151 System Interrupts
24.3.10 CHARGER INTERRUPTS
The system interrupt CHG_INT interrupt comprises several second-level interrupts for the battery
charger. Each of these has a status bit in Register R25 and a mask bit in Register R33, as defined in
Table 152.
ADDRESS
BIT
LABEL
DESCRIPTION
R25 (19h)
Interrupt Status
1
15
CHG_BATT_HOT_EINT
Battery temp too hot.
(Rising Edge triggered)
Note: This bit is cleared once read.
14
CHG_BATT_COLD_EINT
Battery temp too cold.
(Rising Edge triggered)
Note: This bit is cleared once read.
13
CHG_BATT_FAIL_EINT
Battery fail.
(Rising Edge triggered)
Note: This bit is cleared once read.
12
CHG_TO_EINT
Charger timeout.
(Rising Edge triggered)
Note: This bit is cleared once read.
11
CHG_END_EINT
Charging final stage.
(Rising Edge triggered)
Note: This bit is cleared once read.
10
CHG_START_EINT
Charging started.
(Rising Edge triggered)
Note: This bit is cleared once read.
9
CHG_FAST_RDY_EINT
Indicates that the charger is ready to go
into fast charge.
(Rising Edge triggered)
Note: This bit is cleared once read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com