Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 262 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 262 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 258Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 259Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 260Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 261Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 262Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 263Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 264Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 265Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 266Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
262
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R111 (6Fh)
BEEP
Volume
15
IN3R_TO_OUT2R
0
Beep mixer enable
0 = disabled
1 = enabled
7:5
IN3R_OUT2R_VOL[2:0]
000
Beep mixer volume:
000 = -15dB
… in +3dB steps
111 = +6dB
Register 6Fh
BEEP Volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R112 (70h)
AI Formating
15
AIF_BCLK_INV
0
0 = normal
1 = inverted
13
AIF_TRI
0
Sets Output enables for LRCLK and BCLK and
ADCDAT to inactive state
0 = normal
1 = forces pins to Hi-Z
12
AIF_LRCLK_INV
0
LRCLK clock polarity
0 = normal
1 = inverted
DSP Mode – mode A/B select
0 = MSB is available on 2nd BCLK rising edge after
LRCLK rising edge (mode A)
1 = MSB is available on 1st BCLK rising edge after
LRCLK rising edge (mode B)
11:10
AIF_WL[1:0]
10
Data word length
11 = 32 bits
10 = 24 bits
01 = 20 bits
00 = 16 bits
Note: When using the Right-Justified data format
(FMT=00), the maximum word length is 24 bits.
9:8
AIF_FMT[1:0]
10
00 = Right-justified
01 = Left justified
10 = I2S
11 = DSP / PCM mode
Register 70h
AI Formating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com