Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 265 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 265 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 261Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 262Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 263Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 264Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 265Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 266Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 267Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 268Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 269Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
265
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
1 = GPIO is debounced (time from GP_DBTIME[1:0])
Reset by state machine.
6
GP6_DB
1
GPIO6 debounce
0 = GPIO is not debounced.
1 = GPIO is debounced (time from GP_DBTIME[1:0])
Reset by state machine.
5
GP5_DB
1
GPIO5 debounce
0 = GPIO is not debounced.
1 = GPIO is debounced (time from GP_DBTIME[1:0])
Reset by state machine.
4
GP4_DB
1
GPIO4 debounce
0 = GPIO is not debounced.
1 = GPIO is debounced (time from GP_DBTIME[1:0])
Reset by state machine.
3
GP3_DB
1
GPIO3 debounce
0 = GPIO is not debounced.
1 = GPIO is debounced (time from GP_DBTIME[1:0])
Reset by state machine.
2
GP2_DB
1
GPIO2 debounce
0 = GPIO is not debounced.
1 = GPIO is debounced (time from GP_DBTIME[1:0])
Reset by state machine.
1
GP1_DB
1
GPIO1 debounce
0 = GPIO is not debounced.
1 = GPIO is debounced (time from GP_DBTIME[1:0])
Reset by state machine.
0
GP0_DB
1
GPIO0 debounce
0 = GPIO is not debounced.
1 = GPIO is debounced (time from GP_DBTIME[1:0])
Reset by state machine.
Register 80h
GPIO Debounce
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R129 (81h)
GPIO Pin
pull up
Control
12
GP12_PU
0
GPIO12 pull-up
0 = Normal
1 = Pull-up enabled
(Only valid when GPIO12 is set to input. Do not select
pull-up and pull-down at the same time.)
Reset by state machine. Default held in metal mask.
11
GP11_PU
0
GPIO11 pull-up
0 = Normal
1 = Pull-up enabled
(Only valid when GPIO11 is set to input. Do not select
pull-up and pull-down at the same time.)
Reset by state machine. Default held in metal mask.
10
GP10_PU
0
GPIO10 pull-up
0 = Normal
1 = Pull-up enabled
(Only valid when GPIO10 is set to input. Do not select
pull-up and pull-down at the same time.)
Reset by state machine. Default held in metal mask.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com