Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 268 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 268 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 264Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 265Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 266Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 267Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 268Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 269Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 270Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 271Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 272Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
268
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
5
GP5_PD
0
GPIO5 pull-down
0 = Normal
1 = Pull-down enabled
(Only valid when GPIO5 is set to input. Do not select
pull-up and pull-down at the same time.)
Reset by state machine. Default held in metal mask.
4
GP4_PD
0
0
1
0
GPIO4 pull-down
0 = Normal
1 = Pull-down enabled
(Only valid when GPIO4 is set to input. Do not select
pull-up and pull-down at the same time.)
Reset by state machine. Default held in metal mask.
3
GP3_PD
0
GPIO3 pull-down
0 = Normal
1 = Pull-down enabled
(Only valid when GPIO3 is set to input. Do not select
pull-up and pull-down at the same time.)
Reset by state machine. Default held in metal mask.
2
GP2_PD
0
GPIO2 pull-down
0 = Normal
1 = Pull-down enabled
(Only valid when GPIO2 is set to input. Do not select
pull-up and pull-down at the same time.)
Reset by state machine. Default held in metal mask.
1
GP1_PD
0
GPIO1 pull-down
0 = Normal
1 = Pull-down enabled
(Only valid when GPIO1 is set to input. Do not select
pull-up and pull-down at the same time.)
Reset by state machine. Default held in metal mask.
0
GP0_PD
0
GPIO0 pull-down
0 = Normal
1 = Pull-down enabled
(Only valid when GPIO0 is set to input. Do not select
pull-up and pull-down at the same time.)
Reset by state machine. Default held in metal mask.
Register 82h
GPIO Pull down Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R131 (83h)
GPIO
Interrupt
Mode
12
GP12_INTMODE
0
GPIO12 Pin Mode
0 = GPIO interrupt is rising edge triggered, and is
taken after the effect of the GP12_CFG register bit.
1 = GPIO interrupt is both rising and falling edge
triggered.
Reset by state machine.
11
GP11_INTMODE
0
GPIO11 Pin Mode
0 = GPIO interrupt is rising edge triggered, and is
taken after the effect of the GP11_CFG register bit.
1 = GPIO interrupt is both rising and falling edge
triggered.
Reset by state machine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com