Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 267 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 267 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 263Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 264Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 265Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 266Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 267Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 268Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 269Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 270Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 271Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
267
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
0
GP0_PU
0
GPIO0 pull-up
0 = Normal
1 = Pull-up enabled
(Only valid when GPIO0 is set to input. Do not select
pull-up and pull-down at the same time.)
Reset by state machine. Default held in metal mask.
Register 81h
GPIO Pin pull up Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R130 (82h)
GPIO Pull
down Control
12
GP12_PD
0
GPIO12 pull-down
0 = Normal
1 = Pull-down enabled
(Only valid when GPIO12 is set to input. Do not select
pull-up and pull-down at the same time.)
Reset by state machine. Default held in metal mask.
11
GP11_PD
0
GPIO11 pull-down
0 = Normal
1 = Pull-down enabled
(Only valid when GPIO11 is set to input. Do not select
pull-up and pull-down at the same time.)
Reset by state machine. Default held in metal mask.
10
GP10_PD
0
GPIO10 pull-down
0 = Normal
1 = Pull-down enabled
(Only valid when GPIO10 is set to input. Do not select
pull-up and pull-down at the same time.)
Reset by state machine. Default held in metal mask.
9
GP9_PD
0
GPIO9 pull-down
0 = Normal
1 = Pull-down enabled
(Only valid when GPIO9 is set to input. Do not select
pull-up and pull-down at the same time.)
Reset by state machine. Default held in metal mask.
8
GP8_PD
0
0
1
0
GPIO8 pull-down
0 = Normal
1 = Pull-down enabled
(Only valid when GPIO8 is set to input. Do not select
pull-up and pull-down at the same time.)
Reset by state machine. Default held in metal mask.
7
GP7_PD
0
GPIO7 pull-down
0 = Normal
1 = Pull-down enabled
(Only valid when GPIO7 is set to input. Do not select
pull-up and pull-down at the same time.)
Reset by state machine. Default held in metal mask.
6
GP6_PD
0
GPIO6 pull-down
0 = Normal
1 = Pull-down enabled
(Only valid when GPIO6 is set to input. Do not select
pull-up and pull-down at the same time.)
Reset by state machine. Default held in metal mask.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com