Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 259 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 259 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 255Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 256Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 257Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 258Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 259Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 260Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 261Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 262Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 263Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
259
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R99 (63h)
Input Mixer
Volume R
15:13
IN3R_MIXINR_VOL[2:0]
000
IN3R amplifier volume control to right input
mixer.
000 = Path disabled (disconnected)
001 = -12dB gain through mixer
010 = -9dB gain through mixer
…
111 = +6dB gain through mixer
7:5
IN2R_MIXINR_VOL[2:0]
000
IN2R amplifier volume control to right input
mixer.
000 = Path disabled (disconnected)
001 = -12dB gain through mixer
010 = -9dB gain through mixer
…
111 = +6dB gain through mixer
0
INR_MIXINR_VOL
0
Boost enable for right channel input PGA:
0 = PGA output has +0dB gain through input
record mixer.
1 = PGA output has +20dB gain through input
record mixer.
Register 63h
Input Mixer Volume R
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R100 (64h)
Input Mixer
Volume
15
OUT4_MIXIN_DST
0
Select routing of OUT4 to input mixers.
0 = OUT4 to left input mixer.
1 = OUT4 to right input mixer.
3:1
OUT4_MIXIN_VOL[2:0]
000
Controls the gain of OUT4 to left and right input
mixers:
000 = Path disabled (left and right mute)
001 = -12dB gain through boost stages
010 = -9dB gain through boost stages
….
111 = +6dB gain through boost stages
Register 64h
Input Mixer Volume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com