Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 255 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 255 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 251Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 252Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 253Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 254Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 255Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 256Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 257Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 258Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 259Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
255
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R81 (51h)
Right Input
Volume
15
INR_ENA
0
Right input PGA enable
0 = disabled
1 = enabled
14
INR_MUTE
0
Mute control for right channel input PGA:
0 = Input PGA not muted, normal operation
1 = Input PGA muted (and disconnected from the
following input record mixer).
13
INR_ZC
0
Right channel input PGA zero cross enable:
0 = Update gain when gain register changes
1 = Update gain on 1st zero cross after gain register
write.
8
IN_VU
0
Input left PGA and input right PGA volume do not
update until a 1 is written to either IN_VU register bit.
7:2
INR_VOL[5:0]
01_0000
Right channel input PGA volume
000000 = -12dB
000001 = -11.25dB
.
010000 = 0dB
.
111111 = 35.25dB
Register 51h
Right Input Volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R88 (58h)
Left Mixer
Control
15
MIXOUTL_ENA
0
Left output mixer enable.
0 = disabled
1 = enabled
12
DACR_TO_MIXOUTL
0
Right DAC output to left output mixer
0 = not selected
1 = selected
11
DACL_TO_MIXOUTL
1
Left DAC output to left output mixer
0 = not selected
1 = selected
2
IN3L_TO_MIXOUTL
0
IN3L amplifier output to left output mixer:
0 = not selected
1 = selected
1
INR_TO_MIXOUTL
0
Right input PGA output to left output mixer
0 = not selected
1 = selected
0
INL_TO_MIXOUTL
0
Left input PGA output to left output mixer
0 = not selected
1 = selected
Register 58h
Left Mixer Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com