Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 253 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 253 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 249Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 250Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 251Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 252Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 253Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 254Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 255Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 256Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 257Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
253
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R76 (4Ch)
Output
Control
11
OUT4_VROI
0
VREF (AVDD/2) to OUT4 resistance
0 = approx 500 ohms
1 = approx 30 kOhms
10
OUT3_VROI
0
VREF (AVDD/2) to OUT3 resistance
0 = approx 500 ohms
1 = approx 30 kOhms
9
OUT2_VROI
0
VREF (AVDD/2) to OUT2L and OUT2R
resistance
0 = approx 500 ohms
1 = approx 30 kOhms
8
OUT1_VROI
0
VREF (AVDD/2) to OUT1L and OUT1R
resistance
0 = approx 500 ohms
1 = approx 30 kOhms
4
OUTPUT_DRAIN_ENA
0
Enables a drain on the outputs allowing the
amplifiers to shutdown more quickly.
0 = Shutdown as normal
1 = Sink current from an external capacitor,
allowing faster shutdown.
2
OUT2_FB
0
Enable Headphone common mode ground
feedback for OUT2
0 = disabled (HPCOM unused)
1 = enabled (common mode feedback through
HPCOM)
0
OUT1_FB
0
Enable Headphone common mode ground
feedback for OUT1
0 = disabled (HPCOM unused)
1 = enabled (common mode feedback through
HPCOM)
Register 4Ch
Output Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R77 (4Dh)
Jack Detect
15
JDL_ENA
0
Jack Detect Enable for inputs connected to IN2L
0 = disabled
1 = enabled
14
JDR_ENA
0
Jack Detect Enable for input connected to IN2R
0 = disabled
1 = enabled
Register 4Dh
Jack Detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com