Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 257 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 257 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 253Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 254Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 255Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 256Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 257Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 258Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 259Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 260Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 261Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
257
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R93 (5Dh)
OUT4 Mixer
Control
15
OUT4_ENA
0
Enable OUT4 mixer
0 = disabled
1 = enabled
12
DACR_TO_OUT4
0
Right DAC output to OUT4
0 = disabled
1 = enabled
11
DACL_TO_OUT4
0
Left DAC output to OUT4
0 = Disabled
1 = Enabled
10
OUT4_ATTN
0
Reduce OUT4 output by 6dB
0 = Output at normal level
1 = Output reduced by 6dB
9
MIXINR_TO_OUT4
0
Right input mixer to OUT4
0 = disabled
1 = enabled
2
OUT3_TO_OUT4
0
OUT3 mixer to OUT4
This function is not supported
1
MIXOUTR_TO_OUT4
0
Right output mixer to OUT4
0 = disabled
1 = enabled
0
MIXOUTL_TO_OUT4
0
Left output mixer to OUT4
0 = disabled
1 = enabled
Register 5Dh
OUT4 Mixer Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R96 (60h)
Output Left
Mixer
Volume
11:9
IN3L_MIXOUTL_VOL[2:0]
000
IN3L amplifier volume control to left output
mixer
000 = Path disabled (disconnected)
001 = -12dB gain through mixer
010 = -9dB gain through mixer
…
111 = +6dB gain through mixer
7:5
INR_MIXOUTL_VOL[2:0]
000
Right input PGA volume control to left output
mixer.
000 = Path disabled (disconnected)
001 = -12dB gain through mixer
010 = -9dB gain through mixer
…
111 = +6dB gain through mixer
3:1
INL_MIXOUTL_VOL[2:0]
000
Left input PGA volume control to left output
mixer.
000 = Path disabled (disconnected)
001 = -12dB gain through mixer
010 = -9dB gain through mixer
…
111 = +6dB gain through mixer
Register 60h
Output Left Mixer Volume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com