Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 297 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 297 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 293Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 294Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 295Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 296Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 297Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 298Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 299Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 300Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 301Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
297
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R187 (BBh)
DCDC3
Timeouts
15:14
DC3_ERRACT[1:0]
00
Action to take on DC-DC3 fault (as well as
generating an interrupt):
00 = ignore
01 = shut down converter
10 = shut down system
11 = reserved (shut down system)
Reset by state machine. Default held in metal
mask.
13:10
DC3_ENSLOT[3:0]
0000
0001
0001
0010
Time slot for DC-DC3 start-up
0000 = Disabled (do not start up)
0001 = Start-up in time slot 1
… (total 14 slots available)
1110 = Start-up in time slot 14
1111 = Start-up on entering ACTIVE
Reset by state machine. Default held in metal
mask.
9:6
DC3_SDSLOT[3:0]
0000
Time slot for DC-DC3 shutdown.
0000 = Shut down on entering OFF
0001 = Shutdown in time slot 1
…. (total 14 slots available)
1110 = Shutdown in time slot 14
1111 = Shut down on entering OFF
Register BBh
DCDC3 Timeouts
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R188 (BCh)
DCDC3 Low
Power
14:12
DC3_HIB_MODE[2:0]
000
DC-DC3 Hibernate behaviour:
000 = Use current settings (no change)
001 = Select voltage image settings
010 = Force standby mode
011 = Force standby mode and voltage image
settings.
100 = Force LDO mode
101 = Force LDO mode and voltage image
settings.
110 = Reserved.
111 = Disable output
Reset by state machine. Default held in metal
mask.
9:8
DC3_HIB_TRIG[1:0]
00
DC-DC3 Hibernate signal select
00 = HIBERNATE register bit
01 = L_PWR1
10 = L_PWR2
11 = L_PWR3
Note that Hibernate is also selected when a
GPIO Hibernate input is asserted.
Reset by state machine. Default held in metal
mask.
6:0
DC3_VIMG[6:0]
000_0110 DC-DC3 Converter output image voltage settings
in 25mv steps.
Maximum output = 3.4V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com