Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 295 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 295 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 291Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 292Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 293Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 294Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 295Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 296Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 297Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 298Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 299Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
295
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R183 (B7h)
DCDC2
Control
14
DC2_MODE
0
DC-DC2 Converter Mode
0 = Boost mode
1 = Switch mode
Reset by state machine.
12
DC2_HIB_MODE
0
DC-DC2 Hibernate behaviour:
0 = Continue as in Active state
1 = Disable converter output
Reset by state machine.
9:8
DC2_HIB_TRIG[1:0]
00
DC-DC2 Hibernate signal select
00 = HIBERNATE register bit
01 = L_PWR1
10 = L_PWR2
11 = L_PWR3
Note that Hibernate is also selected when a GPIO
Hibernate input is asserted.
Reset by state machine.
6
DC2_ILIM
0
DC-DC2 peak current limit select
0 = Higher peak current
1 = Lower peak current
Reset by state machine. Default held in metal
mask.
4
DC2_RMPH
1
DC-DC2 compensation ramp
{DC2_RMPH, DC2_RMPL}
00 = 20V < VOUT ≤ 30V
01 = 10V < VOUT ≤ 20V
10 = 5V < VOUT ≤ 10V
11 = VOUT ≤ 5V (will be chosen automatically if
DC2_FBSRC=11)
Reset by state machine. Default held in metal
mask.
3
DC2_RMPL
1
DC-DC2 compensation ramp
{DC2_RMPH, DC2_RMPL}
00 = 20V < VOUT ≤ 30V
01 = 10V < VOUT ≤ 20V
10 = 5V < VOUT ≤ 10V
11 = VOUT ≤ 5V (will be chosen automatically if
DC2_FBSRC=11)
Reset by state machine. Default held in metal
mask.
1:0
DC2_FBSRC[1:0]
00
DC-DC2 voltage feedback selection
00 = voltage feedback (using external resistor
divider on pin FB2)
01 = current sink ISINKA used as feedback
10 = Reserved
11 = voltage feedback (using internal resistor
divider on pin USB)
Reset by state machine. Default held in metal
mask.
Register B7h
DCDC2 Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com