Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 294 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 294 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 290Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 291Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 292Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 293Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 294Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 295Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 296Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 297Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 298Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
294
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R182 (B6h)
DCDC1 Low
Power
14:12
DC1_HIB_MODE[2:0]
001
DC-DC1 Hibernate behaviour:
000 = Use current settings (no change)
001 = Select voltage image settings
010 = Force standby mode
011 = Force standby mode and voltage image
settings.
100 = Force LDO mode
101 = Force LDO mode and voltage image
settings.
110 = Reserved.
111 = Disable output
9:8
DC1_HIB_TRIG[1:0]
00
DC-DC1 Hibernate signal select
00 = HIBERNATE register bit
01 = L_PWR1
10 = L_PWR2
11 = L_PWR3
Note that Hibernate is also selected when a
GPIO Hibernate input is asserted.
Reset by state machine. Default held in metal
mask.
6:0
DC1_VIMG[6:0]
000_0110 DC-DC1 Converter output image voltage settings
in 25mv steps.
Maximum output = 3.4V.
110 0110 = 3.4V
110 0010 = 3.3V
101 0110 = 3.0V
100 1110 = 2.8V
……
010 0110 = 1.8V
000 1110 = 1.2V
000 0110 = 1.0V
000 0000 = 0.85V
Register B6h
DCDC1 Low Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com