Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 292 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 292 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 288Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 289Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 290Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 291Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 292Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 293Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 294Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 295Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 296Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
292
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
Reset by state machine.
0
DC1_ACTIVE
1
DC-DC 1 Active mode
0 = Select Standby mode
1 = Select Active mode
Reset by state machine.
Register B1h
DCDC Active options
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R178 (B2h)
DCDC Sleep
options
3
DC4_SLEEP
0
DC-DC 4 Sleep mode
0 = Normal DC-DC operation
1 = Select LDO mode
Reset by state machine.
2
DC3_SLEEP
0
DC-DC 3 Sleep mode
0 = Normal DC-DC operation
1 = Select LDO mode
Reset by state machine.
0
DC1_SLEEP
0
DC-DC 1 Sleep mode
0 = Normal DC-DC operation
1 = Select LDO mode
Reset by state machine.
Register B2h
DCDC Sleep options
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R179 (B3h)
Power-check
comparator
14
PCCMP_ERRACT
0
Action when supply falls below
PCCMP_OFF_THR level
0 = Generate critical supply interrupt only
1 = Generate interrupt and trigger hard shut
down
Reset by state machine.
12
PCCOMP_HIB_MODE
0
Function of Hyst Comp in the hibernate state
0 = Hyst Comp is not used in hibernate state
1 = Hyst comp is on in the hibernate state
6:4
PCCMP_OFF_THR[2:0]
010
Power check comparator critical battery
("system turn off") threshold value
000 = 2.9V
001 = 3.0V
…
111 = 3.6V
Protected by security key. Default held in metal
mask.
2:0
PCCMP_ON_THR[2:0]
101
Power check comparator ("system turn on")
threshold value
000 = 2.9V
001 = 3.0V
…
111 = 3.6V
Protected by security key. Default held in metal
mask.
Register B3h
Power-check comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com