Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 289 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 289 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 285Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 286Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 287Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 288Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 289Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 290Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 291Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 292Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 293Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
289
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R173 (ADh)
CSA Flash
control
15
CS1_FLASH_MODE
0
Determines the function of the current sink
0 = LED mode
1 = Flash mode
Reset by state machine.
14
CS1_TRIGSRC
0
Selects the trigger for the flash
0 = Flash is triggered by CS1_DRIVE bit
1 = Flash is triggered from GPIO pin configured
as FLASH
This bit has no effect when
CS1_FLASH_MODE=0
Reset by state machine.
13
CS1_DRIVE
0
Enables the current sink ISINKA
LED mode-
0 = disable LED
1 = enabled LED
FLASH mode-
Register bit used to trigger the flash, if
CS1_TRIGSRC is set to 0. Flash is started when
the bit goes high, it is then reset at the end of the
flash duration. Duration is determined by
CS1_FLASH_DUR. This bit has no effect if
CS1_TRIGSRC is set to 1.
Reset by state machine. Default held in metal
mask.
12
CS1_FLASH_RATE
0
Determines the Flash rate
0 = Normal Operation. Once per trigger (Either
register bit or GPIO)
1 = Flash will be internally triggered every 4
seconds
Reset by state machine.
9:8
CS1_FLASH_DUR[1:0]
00
Sets duration of flash
00 = 32ms
01 = 64ms
10 = 96ms
11 = 1024ms
Reset by state machine.
5:4
CS1_OFF_RAMP[1:0]
00
Switch-off ramp duration
LED mode-
00 = instant (no ramp)
01 = 0.25s
10 = 0.5s
11 = 1s
Flash mode-
00 = instant (no ramp)
01 = 1.95ms
10 = 3.91ms
11 = 7.8ms
Reset by state machine.
1:0
CS1_ON_RAMP[1:0]
00
Switch-on ramp duration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com