Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 285 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 285 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 281Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 282Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 283Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 284Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 285Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 286Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 287Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 288Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 289Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
285
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
Protected by security key. Reset by state
machine.
3
CHG_NTC_MON
1
Enable charger battery NTC detection
(some batteries may not need this - turn
off with caution)
0 = Charger ignores NO_NTC detection.
1 = Charger monitors NO_NTC detection.
Default held in metal mask.
2
CHG_BATT_HOT_MON
1
Enable charger battery temperature high
detection (some batteries may not need
this - turn off with caution)
0 = Charger ignores battery temperature
too high.
1 = Charger monitors battery temperature
too high.
Default held in metal mask.
1
CHG_BATT_COLD_MON
1
Enable charger battery temperature low
detection (some batteries may not need
this - turn off with caution)
0 = Charger ignores battery temperature
low.
1 = Charger monitors battery temperature
low.
Default held in metal mask.
0
CHG_CHIP_TEMP_MON
1
Enable charger chip temperature
detection (some batteries may not need
this - turn off with caution)
0 = Charger ignores chip temperature
1 = Charger monitors chip temperature
Protected by security key. Default held in
metal mask.
Register A8h
Battery Charger Control 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R169 (A9h)
Battery
Charger
Control 2
15
CHG_ACTIVE
0
Charger Status.
0 = Battery Charging is inactive
1 = Battery Charging is active
(Note CHG_ENA is just a request; the WM8351
determines if the conditions are satisfied for
Battery Charging).
Default held in metal mask.
14
CHG_PAUSE
0
0 = Don't pause the charger
1 = Pause charging
Reset by state machine.
13:12
CHG_STS[1:0]
00
00 = Charger off, current set to 0.
01 = In trickle charge mode.
10 = In fast charge mode.
11 = Reserved
11:8
CHG_TIME[3:0]
1011
Writing to his field set the charge timeout
duration:
0000 = 60min
0001 = 90min
0010 = 120min
0011 = 150min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com