Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 284 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 284 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 280Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 281Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 282Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 283Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 284Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 285Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 286Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 287Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 288Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
284
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R168 (A8h)
Battery
Charger
Control 1
15
CHG_ENA
1
CHG_ENA bit selects battery charger
current control
0 = Set battery charger current to zero
1 = Enable battery charge control
Protected by security key. Reset by state
machine. Default held in metal mask.
12:10
CHG_EOC_SEL[2:0]
000
Selects what the end of charge current
should be set to
000 = 20mA
001 = 30mA
(10mA steps)
...
111 = 90mA
Protected by security key.
9
CHG_TRICKLE_TEMP_CHOKE
0
Enable trickle charge temperature
choking
0 = disable
1 = enable
Protected by security key. Reset by state
machine.
8
CHG_TRICKLE_USB_CHOKE
0
Enable USB current choking in trickle
charge
0 = disable
1 = enable
Protected by security key. Reset by state
machine.
7
CHG_RECOVER_T
0
Time constant adjust for charger choke
recovery (step-up):
0 = Step-up time constant is 180us
(allows faster recovery between
processor wakeups)
1 = Step-up time constant is >20ms
(outside audio band)
Protected by security key. Reset by state
machine.
6
CHG_END_ACT
0
Action to take when charging ends:
0 = Set charge current to 0
1 = Do nothing (leave charger on till
timeout)
Protected by security key. Reset by state
machine.
5
CHG_FAST
0
Enable fast charging.
0 = Fast charging cannot take place.
1 = Enable fast charging (will not start
until valid charging conditions are met).
Note: This register is held low and can
only be written to once the fast charge
ready signal has gone high.
Protected by security key. Reset by state
machine. Default held in metal mask.
4
CHG_FAST_USB_THROTTLE
0
Enable USB current throttling in fast
charge:
0 = Don't do any current throttling when
fast charging.
1 = Do current throttle while fast
charging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com