Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 283 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 283 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 279Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 280Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 281Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 282Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 283Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 284Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 285Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 286Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 287Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
283
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R166 (A6h)
Generic
comparator
3
15:13
DCMP3_SRCSEL[2:0]
000
DCOMP3 source select.
000 = AUX1
001 = AUX2
010 = AUX3
011 = AUX4
100 = USB
101 = LINE
110 = BATT
111 = TEMP
Reset by state machine.
12
DCMP3_GT
0
DCOMP3 interrupt control
0 = interrupt when the source is less than
threshold
1 = interrupt when the source is greater than
threshold
11:0
DCMP3_THR[11:0]
0000_0000_0000 DCOMP3 threshold
(12-bit unsigned binary number)
Register A6h
Generic comparator 3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R167 (A7h)
Generic
comparator
4
15:13
DCMP4_SRCSEL[2:0]
000
DCOMP4 source select.
000 = AUX1
001 = AUX2
010 = AUX3
011 = AUX4
100 = USB
101 = LINE
110 = BATT
111 = TEMP
Reset by state machine.
12
DCMP4_GT
0
DCOMP4 interrupt control
0 = interrupt when the source is less than
threshold
1 = interrupt when the source is greater than
threshold
11:0
DCMP4_THR[11:0]
0000_0000_0000 DCOMP4 threshold
(12-bit unsigned binary number)
Register A7h
Generic comparator 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com